Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS39513 Fiches technique(PDF) 69 Page - ams AG

No de pièce AS39513
Description  NFC Sensor Tag and Data Logger IC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS39513 Fiches technique(HTML) 69 Page - ams AG

Back Button AS39513 Datasheet HTML 65Page - ams AG AS39513 Datasheet HTML 66Page - ams AG AS39513 Datasheet HTML 67Page - ams AG AS39513 Datasheet HTML 68Page - ams AG AS39513 Datasheet HTML 69Page - ams AG AS39513 Datasheet HTML 70Page - ams AG AS39513 Datasheet HTML 71Page - ams AG AS39513 Datasheet HTML 72Page - ams AG AS39513 Datasheet HTML 73Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 108 page
background image
ams Datasheet
Page 69
[v1-10] 2018-Apr-25
Document Feedback
AS39513 − Detailed Description
Inventory Command Flags
Figure 45:
Inventory Command Flags
The Non-Inventory Flags are:
where:
SUBCAR – Sub-carrier selection.
0 = Use a single sub-carrier frequency in the response.
1 = Use two sub-carriers in the response.
DRATE – Data rate selection.
0 = Use low data rate.
1 = Use high data rate.
SELECT – Use selected or addressed tag.
0 = Command request will be executed according to the ADDR
bit.
1 = Command request will be executed only if the AS39513 RFID
interface is in the “select” state. The ADDR bit should be 0, and
the UID field is not included in the request.
ADDR – Addressing mode.
0 = Request is not addressed. The UID field is not used. The
AS39513 always responds to the request.
1 = Request is address to a specific UID. The UID field is used,
and the AS39513 responds only if its UID matches that in the
command request.
Flag Bits
Flag Name
Bit Value Meaning
0
1
b0
SUBCAR
Single
Double
b1
DRATE
Low
High
b2
Inventory
X
1 for inventory
b3
Protocol ext.
Always 0
RFU
b4
AFI
Always 0
Not supported
b5
NBSLOTS
16 slots
1 slot
b6
OPTION
Always 0
RFU
b7
RFU
Always 0
RFU
Bit
7
6
5
4
3
2
1
0
NFLAGS
0
OPTION
ADDR
SELECT
0
0
DRATE
SUBCAR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More