Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS39513 Fiches technique(PDF) 82 Page - ams AG

No de pièce AS39513
Description  NFC Sensor Tag and Data Logger IC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS39513 Fiches technique(HTML) 82 Page - ams AG

Back Button AS39513 Datasheet HTML 78Page - ams AG AS39513 Datasheet HTML 79Page - ams AG AS39513 Datasheet HTML 80Page - ams AG AS39513 Datasheet HTML 81Page - ams AG AS39513 Datasheet HTML 82Page - ams AG AS39513 Datasheet HTML 83Page - ams AG AS39513 Datasheet HTML 84Page - ams AG AS39513 Datasheet HTML 85Page - ams AG AS39513 Datasheet HTML 86Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 108 page
background image
Page 82
ams Datasheet
Document Feedback
[v1-10] 2018-Apr-25
AS39513 − Detailed Description
Read System Block Command
Read System Block Command Request:
Read System Block Command Reply:
The read system block command reads four bytes from the
EEPROM and register System areas. The starting byte address
to read is 0x400 + 4*BADDR. If the OPTION flag is 1, a security
status is returned. If the OPTION flag is 0, no security status is
returned. In either case, the four bytes in the block are returned,
lowest address and LSB first.
The security status will always be 0x00 because the System and
Factory areas do not have lock bits.
If the block address BADDR corresponds to a Factory access
area, the error code 0x10 (specified block not available) will be
returned instead of the block data.
SOF
Flags
Command
IC Mfg.
UID
BADDR
CRC
EOF
NFLAGS
0xA2
0x36
64 bits
8 bits
16 bits
SOF
Flags
Security Status
Block Data
CRC
EOF
RFLAGS
8 bits
4*8 bits
16 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More