Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS39513 Fiches technique(PDF) 22 Page - ams AG

No de pièce AS39513
Description  NFC Sensor Tag and Data Logger IC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS39513 Fiches technique(HTML) 22 Page - ams AG

Back Button AS39513 Datasheet HTML 18Page - ams AG AS39513 Datasheet HTML 19Page - ams AG AS39513 Datasheet HTML 20Page - ams AG AS39513 Datasheet HTML 21Page - ams AG AS39513 Datasheet HTML 22Page - ams AG AS39513 Datasheet HTML 23Page - ams AG AS39513 Datasheet HTML 24Page - ams AG AS39513 Datasheet HTML 25Page - ams AG AS39513 Datasheet HTML 26Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 108 page
background image
Page 22
ams Datasheet
Document Feedback
[v1-10] 2018-Apr-25
AS39513 − Detailed Description
The limit check algorithm is as follows. The limit result for each
sensor is computed. For each limit result that is non-zero, the
limit counter that corresponds to that limit flag is incremented.1
The over limit count flag OVLIM will be set if any of the following
conditions are true: TXHICNT > 0, TXLOCNT > 0, THICNT >
THIMAX, TLOCNT > TLOMAX, EXHICNT > 0, EXLOCNT > 0, EHICNT
> EHIMAX, or ELOCNT > ELOMAX (These System parameters are
further documented in the Memory Map section).
There are two types of limit check modes: normal and limit
crossing.
If normal limit mode is selected (LOGMD = 2’b10), then logging
will occur if, and only if, at least one of the two sensor’s limit
results is non-zero.
If limit crossing mode is selected (LOGMD = 2’b11), then logging
will occur if, and only if, the limit result for either sensor is
different from that sensor’s previous measurement limit result.
At initialization, the “previous” limit result for each sensor is
assumed to be 3’b000. Therefore, the first measurement that
will be logged will be the first time that at least one of the two
sensor’s limit results is non-zero.
If neither of the limit modes are selected (LOGMD[1] = 0), then
no limits are checked, the limit counters are not changed, and
the measurement results are always logged.
Measurement Results Logging
If one of the limit criteria are satisfied, or if the device is in the
no-limit logging mode (LOGMD = 2’b00 or 2’b01), than the
measurement results are logged.
Memory Check: Prior to writing the log values in EEPROM, the
logging measurement pointer MEASPTR[11:0] is checked to
insure that there will be room for the log data.
If there is no room and STRMD is 0, the data is not logged, and
the error flag EEFULL is set.
1. The limit counters are simple binary counters. If a limit count exceeds 16’hFFFF (65535), then the count will wrap around to zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More