Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS39513 Fiches technique(PDF) 63 Page - ams AG

No de pièce AS39513
Description  NFC Sensor Tag and Data Logger IC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS39513 Fiches technique(HTML) 63 Page - ams AG

Back Button AS39513 Datasheet HTML 59Page - ams AG AS39513 Datasheet HTML 60Page - ams AG AS39513 Datasheet HTML 61Page - ams AG AS39513 Datasheet HTML 62Page - ams AG AS39513 Datasheet HTML 63Page - ams AG AS39513 Datasheet HTML 64Page - ams AG AS39513 Datasheet HTML 65Page - ams AG AS39513 Datasheet HTML 66Page - ams AG AS39513 Datasheet HTML 67Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 108 page
background image
ams Datasheet
Page 63
[v1-10] 2018-Apr-25
Document Feedback
AS39513 − Detailed Description
Passwords
The passwords EEPROM page from addresses 0x450 through
0x45F contains the System, Application, and Measurement
passwords. The RFID interface can only access these values
through the Set Access and Set Password commands described
above. They can be read through the SPI interface. They can be
written through the SPI interface if the Factory access password
has been entered previously.
Figure 40:
Passwords
SYSPW[31:0] – System access password.
APPPW[31:0] – Application access password.
MEASPW[31:0] – Measurement access password.
Addr.
Bit
7
6
5
4
3
2
1
0
0x450
SYSPW[7:0]
0x451
SYSPW[15:8]
0x452
SYSPW[23:16]
0x453
SYSPW[31:24]
0x454
APPPW[7:0]
0x455
APPPW[15:8]
0x456
APPPW[23:16]
0x457
APPPW[31:24]
0x458
MEASPW[7:0]
0x459
MEASPW[15:8]
0x45A
MEASPW[23:16]
0x45B
MEASPW[31:24]
0x45C
0x45D
0x45E
0x45F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More