Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS39513 Fiches technique(PDF) 75 Page - ams AG

No de pièce AS39513
Description  NFC Sensor Tag and Data Logger IC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS39513 Fiches technique(HTML) 75 Page - ams AG

Back Button AS39513 Datasheet HTML 71Page - ams AG AS39513 Datasheet HTML 72Page - ams AG AS39513 Datasheet HTML 73Page - ams AG AS39513 Datasheet HTML 74Page - ams AG AS39513 Datasheet HTML 75Page - ams AG AS39513 Datasheet HTML 76Page - ams AG AS39513 Datasheet HTML 77Page - ams AG AS39513 Datasheet HTML 78Page - ams AG AS39513 Datasheet HTML 79Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 108 page
background image
ams Datasheet
Page 75
[v1-10] 2018-Apr-25
Document Feedback
AS39513 − Detailed Description
Read Multiple Blocks Command
Read Multiple Blocks Command Request:
Read Multiple Blocks Command Reply:
The read multiple blocks command reads multiple four-byte
blocks from the EEPROM’s Application and Measurement areas.
The command reads NUMBLK+1 of blocks of data starting from
block number BADDR. If the OPTION flag is 1, a security status
is returned. If the OPTION flag is 0, no security status is returned.
In either case, the four bytes in each block are returned, lowest
address and LSB first.
The security status will be 0x00 if the block is not locked, and
0x01 if the block is locked.
If the last byte to read would have an address that is greater
than 0x3FF, error code 0x10 is returned and no data is read.
SOF
Flags
Command
UID
BADDR
NUMBLK
CRC
EOF
NFLAGS
0x23
64 bits
8 bits
8 bits
16 bits
SOF
Flags
Security Status
Block Data
CRC
EOF
RFLAGS
8 bits
4*8 bits
16 bits
Repeat as needed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More