Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS39513 Fiches technique(PDF) 49 Page - ams AG

No de pièce AS39513
Description  NFC Sensor Tag and Data Logger IC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS39513 Fiches technique(HTML) 49 Page - ams AG

Back Button AS39513 Datasheet HTML 45Page - ams AG AS39513 Datasheet HTML 46Page - ams AG AS39513 Datasheet HTML 47Page - ams AG AS39513 Datasheet HTML 48Page - ams AG AS39513 Datasheet HTML 49Page - ams AG AS39513 Datasheet HTML 50Page - ams AG AS39513 Datasheet HTML 51Page - ams AG AS39513 Datasheet HTML 52Page - ams AG AS39513 Datasheet HTML 53Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 108 page
background image
ams Datasheet
Page 49
[v1-10] 2018-Apr-25
Document Feedback
AS39513 − Detailed Description
Temperature Sensor Parameters
The temperature sensor parameter EEPROM page from
addresses 0x410 through 0x41F contains parameters used
during temperature logging. All have the standard System level
access through RFID and SPI.
Figure 34:
Temperature Sensor Parameters
TXHILIM[7:0] – First threshold to use for limit checks during
temperature measurements. See the section on Limit Check
Algorithm above.
TXLOLIM[7:0] – Second threshold to use for limit checks during
temperature measurements. See the section on Limit Check
Algorithm above.
THILIM[7:0] – Third threshold to use for limit checks during
temperature measurements. See the section on Limit Check
Algorithm above.
Addr.
RFID
Block
Bit
7
6
5
4
3
2
1
0
0x410
0x04
TXHILIM[7:0]
0x411
TXLOLIM[7:0]
0x412
THILIM[7:0]
0x413
TLOLIM[7:0]
0x414
0x05
TXHICNT[7:0]
0x415
TXLOCNT[7:0]
0x416
THICNT[7:0]
0x417
TLOCNT[7:0]
0x418
0x06
THIMAX[7:0]
0x419
TLOMAX[7:0]
0x41A
0x41B
0x41C
0x07
0x41D
0x41E
0x41F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More