| Moteur de recherche de fiches techniques de composants électroniques |
|
AS39513 Fiches technique(PDF) 78 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS39513 Fiches technique(HTML) 78 Page - ams AG |
|
78 / 108 page ![]() Page 78 ams Datasheet Document Feedback [v1-10] 2018-Apr-25 AS39513 − Detailed Description Write DSFID Command Write DSFID Command Request: Write DSFID Command Reply: The write DSFID command writes the one byte data storage format identifier (DSFID) to the EEPROM’s System area. In order to be written, the access state must allow access to the System memory, and the DSFID must not have been locked. The OPTION flag controls the response timing according to the ISO 15693 standard, section 10.4.105. Lock DSFID Command Lock DSFID Command Request: Lock DSFID Command Reply: The lock DSFID command sets the bit in System EEPROM, DSFID_LK, to mark as “read-only” the one-byte DSFID value. No access passwords need to be set prior to using this command. The OPTION flag controls the response timing according to the ISO 15693 standard, section 10.4.115. SOF Flags Command UID DSFID CRC EOF NFLAGS 0x29 64 bits 8 bits 16 bits SOF Flags CRC EOF RFLAGS 16 bits 5. For more information, please refer to the respective section of ISO/IEC 15693-3 specification (second edition, 2009-04-15). SOF Flags Command UID CRC EOF NFLAGS 0x2A 64 bits 16 bits SOF Flags CRC EOF RFLAGS 16 bits |