Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI4464 Fiches technique(PDF) 45 Page - Silicon Laboratories

No de pièce SI4464
Description  HIGH-PERFORMANCE
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4464 Fiches technique(HTML) 45 Page - Silicon Laboratories

Back Button SI4464 Datasheet HTML 41Page - Silicon Laboratories SI4464 Datasheet HTML 42Page - Silicon Laboratories SI4464 Datasheet HTML 43Page - Silicon Laboratories SI4464 Datasheet HTML 44Page - Silicon Laboratories SI4464 Datasheet HTML 45Page - Silicon Laboratories SI4464 Datasheet HTML 46Page - Silicon Laboratories SI4464 Datasheet HTML 47Page - Silicon Laboratories SI4464 Datasheet HTML 48Page - Silicon Laboratories SI4464 Datasheet HTML 49Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 56 page
background image
Si4464/63/61/60
Rev 1.2
45
Selecting shorter conversion times will result in lower ADC resolution and longer times will result in higher ADC
resolution.

GPIO_ATT[3:0] - Sets attenuation of gpio input voltage when vgpio measured. Defaults to 0xC if ADC_CFG is 0.
0x0 = ADC range 0 to 0.8V. GPIO_ADC_DIV = 2560
0x4 = ADC range 0 to 1.6V. GPIO_ADC_DIV = 1280
0x8 = ADC range 0 to 2.4V. GPIO_ADC_DIV = 853.33
0x9 = ADC range 0 to 3.6V. GPIO_ADC_DIV = 426.66
0xC = ADC range 0 to 3.2V. GPIO_ADC_DIV = 640

Response

GPIO_ADC[15:0] - ADC value of voltage on GPIO

BATTERY_ADC[15:0] - ADC value of battery voltage

TEMP_ADC[15:0] - ADC value of temperature sensor voltage

RESERVED[7:0] - RESERVED FOR FUTURE USE

RESERVED[7:0] - RESERVED FOR FUTURE USE
8.4. Low Battery Detector
The low battery detector (LBD) is enabled and utilized as part of the wake-up-timer (WUT). The LBD function is not
available unless the WUT is enabled, but the host MCU can manually check the battery voltage anytime with the
auxiliary ADC. The LBD function is enabled in the GLOBAL_WUT_CONFIG API property. The battery voltage will
be compared against the threshold each time the WUT expires. The threshold for the LBD function is set in
GLOBAL_LOW_BATT_THRESH. The threshold steps are in increments of 50 mV, ranging from a minimum of
1.5 V up to 3.05 V. The accuracy of the LBD is ±3%. The LBD notification can be configured as an interrupt on the
nIRQ pin or enabled as a direct function on one of the GPIOs.
8.5. Antenna Diversity
To mitigate the problem of frequency-selective fading due to multipath propagation, some transceiver systems use
a scheme known as antenna diversity. In this scheme, two antennas are used. Each time the transceiver enters RX
mode the receive signal strength from each antenna is evaluated. This evaluation process takes place during the
preamble portion of the packet. The antenna with the strongest received signal is then used for the remainder of
that RX packet. The same antenna will also be used for the next corresponding TX packet. This chip fully supports
antenna diversity with an integrated antenna diversity control algorithm. The required signals needed to control an
external SPDT RF switch (such as a PIN diode or GaAs switch) are available on the GPIOx pins. The operation of
these GPIO signals is programmable to allow for different antenna diversity architectures and configurations. The
antdiv[2:0] bits are found in the MODEM_ANT_DIV_CONTROL API property descriptions and enable the antenna
diversity mode. The GPIO pins are capable of sourcing up to 5 mA of current; so, it may be used directly to
forward-bias a PIN diode if desired. The antenna diversity algorithm will automatically toggle back and forth
between the antennas until the packet starts to arrive. The recommended preamble length for optimal antenna
selection is 8 bytes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com