Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI4464 Fiches technique(PDF) 33 Page - Silicon Laboratories

No de pièce SI4464
Description  HIGH-PERFORMANCE
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4464 Fiches technique(HTML) 33 Page - Silicon Laboratories

Back Button SI4464 Datasheet HTML 29Page - Silicon Laboratories SI4464 Datasheet HTML 30Page - Silicon Laboratories SI4464 Datasheet HTML 31Page - Silicon Laboratories SI4464 Datasheet HTML 32Page - Silicon Laboratories SI4464 Datasheet HTML 33Page - Silicon Laboratories SI4464 Datasheet HTML 34Page - Silicon Laboratories SI4464 Datasheet HTML 35Page - Silicon Laboratories SI4464 Datasheet HTML 36Page - Silicon Laboratories SI4464 Datasheet HTML 37Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 56 page
background image
Si4464/63/61/60
Rev 1.2
33
5.3.1.1. EZ Frequency Programming
In applications that utilize multiple frequencies or channels, it may not be desirable to write four API registers each
time a frequency change is required. EZ frequency programming is provided so that only a single register write
(channel number) is required to change frequency. A base frequency is first set by first programming the integer
and fractional components of the synthesizer. This base frequency will correspond to channel 0. Next, a channel
step
size
is
programmed
into
the
FREQ_CONTROL_CHANNEL_STEP_SIZE_1
and
FREQ_CONTROL_CHANNEL_STEP_SIZE_0 API registers. The resulting frequency will be:
The second argument of the START_RX or START_TX is CHANNEL, which sets the channel number for EZ
frequency programming. For example, if the channel step size is set to 1 MHz, the base frequency is set to
900 MHz with the INTE and FRAC API registers, and a CHANNEL number of 5 is programmed during the
START_TX command, the resulting frequency will be 905 MHz. If no CHANNEL argument is written as part of the
START_RX/TX command, it will default to the previous value. The initial value of CHANNEL is 0; so, if no
CHANNEL value is written, it will result in the programmed base frequency.
5.3.1.2. Automatic RX Hopping and Hop Table
The transceiver supports an automatic hopping feature that can be fully configured through the API. This is
intended for RX hopping where the device has to hop from channel to channel and look for packets. Once the
device is put into the RX state, it automatically starts hopping through the hop table if the feature is enabled.
The hop table can hold up to 64 entries and is maintained in firmware. Each entry is a channel number; so, the hop
table can hold up to 64 channels. The number of entries in the table is set by RX HOP TABLE_SIZE API. The
specified channels correspond to the EZ frequency programming method for programming the frequency. The
receiver starts at the base channel and hops in sequence from the top of the hop table to the bottom. The table will
wrap around to the base channel once it reaches the end of the table. An entry of 0xFF in the table indicates that
the entry should be skipped. The device will hop to the next non 0xFF entry.
There are three conditions that can be used to determine whether to continue hopping or to stay on a particular
channel. These conditions are:

RSSI threshold

Preamble timeout (invalid preamble pattern)

Sync word timeout (invalid or no sync word detected after preamble)
These conditions can be used individually, or they can be enabled all together by configuring the
RX_HOP_CONTROL API. However, the firmware will make a decision on whether or not to hop based on the first
condition that is met.
The RSSI that is monitored is the current RSSI value. This is compared to the threshold, and, if it is above the
threshold value, it will stay on the channel. If the RSSI is below the threshold, it will continue hopping. There is no
averaging of RSSI done during the automatic hopping from channel to channel. Since the preamble timeout and
the sync word timeout are features that require packet handling, the RSSI threshold is the only condition that can
be used if the user is in “direct” or “RAW” mode where packet handling features are not used.
Note that the RSSI threshold is not an absolute RSSI value; instead, it is a relative value and should be verified on
the bench to find an optimal threshold for the application.
The turnaround time from RX to RX on a different channel using this method is 115 µs. The time spent in receive
mode will be determined by the configuration of the hop conditions. Manual RX hopping will have the fastest
turn-around time but will require more overhead and management by the host MCU.
The following are example steps for using Auto Hop:
1. Set the base frequency (inte + frac) and channel step size.
2. Define the number of entries in the hop table (RX_HOP_TABLE_SIZE).
3. Write the channels to the hop table (RX_HOP_TABLE_ENTRY_n)
4. Configure the hop condition and enable auto hopping- RSSI, preamble, or sync (RX_HOP_CONTROL).
5. Set preamble and sync parameters if enabled.
RF Frequency
Base Frequency Channel
+
Stepsi
ze
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com