Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI4464 Fiches technique(PDF) 46 Page - Silicon Laboratories

No de pièce SI4464
Description  HIGH-PERFORMANCE
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4464 Fiches technique(HTML) 46 Page - Silicon Laboratories

Back Button SI4464 Datasheet HTML 42Page - Silicon Laboratories SI4464 Datasheet HTML 43Page - Silicon Laboratories SI4464 Datasheet HTML 44Page - Silicon Laboratories SI4464 Datasheet HTML 45Page - Silicon Laboratories SI4464 Datasheet HTML 46Page - Silicon Laboratories SI4464 Datasheet HTML 47Page - Silicon Laboratories SI4464 Datasheet HTML 48Page - Silicon Laboratories SI4464 Datasheet HTML 49Page - Silicon Laboratories SI4464 Datasheet HTML 50Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 56 page
background image
Si4464/63/61/60
46
Rev 1.2
9. Pin Descriptions: Si4464/63/61/60
Pin
Pin Name
I/0
Description
1SDN
I
Shutdown Input Pin
.
0–VDD V digital input. SDN should be = 0 in all modes except Shutdown mode.
When SDN = 1, the chip will be completely shut down, and the contents of the
registers will be lost.
2RXp
I
Differential RF Input Pins of the LNA.
See application schematic for example matching network.
3RXn
I
4TX
O
Transmit Output Pin.
The PA output is an open-drain connection, so the L-C match must supply
VDD (+3.3 VDC nominal) to this pin.
5NC
No Connect. Not connected internally to any circuitry.
6VDD
VDD
+1.8 to +3.6 V Supply Voltage Input to Internal Regulators.
The recommended VDD supply voltage is +3.3 V.
7
TXRAMP
O
Programmable Bias Output with Ramp Capability for External FET PA.
See "5.4. Transmitter (TX)" on page 34.
8VDD
VDD
+1.8 to +3.6 V Supply Voltage Input to Internal Regulators.
The recommended VDD supply voltage is +3.3 V.
9
GPIO0
I/O
General Purpose Digital I/O.
May be configured through the registers to perform various functions including:
Microcontroller Clock Output, FIFO status, POR, Wake-Up timer, Low Battery
Detect, TRSW, AntDiversity control, etc.
10
GPIO1
I/O
11
nIRQ
O
General Microcontroller Interrupt Status Output.
When the Si4463/61 exhibits any one of the interrupt events, the nIRQ pin will
be set low = 0. The Microcontroller can then determine the state of the inter-
rupt by reading the interrupt status. No external resistor pull-up is required, but
it may be desirable if multiple interrupt lines are connected.
GND
PAD
1
2
3
17
18
19
20
11
12
13
14
6
7
8
9
4
5
16
10
15 nSEL
SDI
SDO
SCLK
NC
SDN
TX
nIRQ
RXp
RXn



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com