Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI4464 Fiches technique(PDF) 28 Page - Silicon Laboratories

No de pièce SI4464
Description  HIGH-PERFORMANCE
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4464 Fiches technique(HTML) 28 Page - Silicon Laboratories

Back Button SI4464 Datasheet HTML 24Page - Silicon Laboratories SI4464 Datasheet HTML 25Page - Silicon Laboratories SI4464 Datasheet HTML 26Page - Silicon Laboratories SI4464 Datasheet HTML 27Page - Silicon Laboratories SI4464 Datasheet HTML 28Page - Silicon Laboratories SI4464 Datasheet HTML 29Page - Silicon Laboratories SI4464 Datasheet HTML 30Page - Silicon Laboratories SI4464 Datasheet HTML 31Page - Silicon Laboratories SI4464 Datasheet HTML 32Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 56 page
background image
Si4464/63/61/60
28
Rev 1.2
Table 12. Recommended Preamble Length
Mode
AFC
Antenna
Diversity
Preamble Type
Recommended
Preamble Length
Recommended
Preamble Detection
Threshold
(G)FSK
Disabled
Disabled
Standard
4 Bytes
20 bits
(G)FSK
Enabled
Disabled
Standard
5 Bytes
20 bits
(G)FSK
Disabled
Disabled
Non-standard
2 Bytes
0 bits
(G)FSK
Enabled
Non-standard
Not Supported
(G)FSK
Disabled
Enabled
Standard
7 Bytes
24 bits
(G)FSK
Enabled
Enabled
Standard
8 Bytes
24 bits
4(G)FSK
Disabled
Disabled
Standard
40 symbols
16 symbols
4(G)FSK
Enabled
Disabled
Standard
48 symbols
16 symbols
4(G)FSK
Non-standard
Not Supported
OOK
Disabled
Disabled
Standard
4 Bytes
20 bits
OOK
Disabled
Disabled
Non-standard
2 Bytes
0 bits
OOK
Enabled
Not Supported
Notes:
1.
The recommended preamble length and preamble detection thresholds listed above are to achieve 0% PER. They may
be shortened when occasional packet errors are tolerable.
2.
All recommended preamble lengths and detection thresholds include AGC and BCR settling times.
3.
“Standard” preamble type should be set for an alternating data sequence at the max data rate (…10101010…)
4.
“Non-standard” preamble type can be set for any preamble type including …10101010...
5.
When preamble detection threshold = 0, sync word needs to be 3 Bytes to avoid false syncs. When only a 2 Byte sync
word is available the sync word detection can be extended by including the last preamble Byte into the RX sync word
setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com