Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI4464 Fiches technique(PDF) 20 Page - Silicon Laboratories

No de pièce SI4464
Description  HIGH-PERFORMANCE
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4464 Fiches technique(HTML) 20 Page - Silicon Laboratories

Back Button SI4464 Datasheet HTML 16Page - Silicon Laboratories SI4464 Datasheet HTML 17Page - Silicon Laboratories SI4464 Datasheet HTML 18Page - Silicon Laboratories SI4464 Datasheet HTML 19Page - Silicon Laboratories SI4464 Datasheet HTML 20Page - Silicon Laboratories SI4464 Datasheet HTML 21Page - Silicon Laboratories SI4464 Datasheet HTML 22Page - Silicon Laboratories SI4464 Datasheet HTML 23Page - Silicon Laboratories SI4464 Datasheet HTML 24Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 56 page
background image
Si4464/63/61/60
20
Rev 1.2
Figure 7 shows the POR timing and voltage requirements. The power consumption (battery life) depends on the
duty cycle of the application or how often the part is in either Rx or Tx state. In most applications the utilization of
the standby state will be most advantageous for battery life but for very low duty cycle applications shutdown will
have an advantage. For the fastest timing the next state can be selected in the START_RX or START_TX API
commands to minimize SPI transactions and internal MCU processing.
3.3.1. Power on Reset (POR)
A Power On Reset (POR) sequence is used to boot the device up from a fully off or shutdown state. To execute this
process, VDD must ramp within 1ms and must remain applied to the device for at least 10ms. If VDD is removed,
then it must stay below 0.15V for at least 10ms before being applied again. Please see Figure x and Table x for
details.
Figure 7. POR Timing Diagram
Table 9. Operating State Response Time and Current Consumption*
State/Mode
Response Time to
Current in State
/Mode
TX
RX
Shutdown State
15ms
15ms
30nA
Standby State
Sleep State
SPI Active State
Ready State
TX Tune State
RX Tune State
440 µs
440 µs
340 µs
126 µs
58 µs
440 µs
440 µs
340 µs
122 µs
74 µs
50 nA
900 nA
1.35 mA
1.8 mA
8mA
7.2 mA
TX State
138 µs
18 mA @ +10 dBm
RX State
130 µs
75 µs
10 or 13 mA
*Note:
TX
RX and RXTX state transition timing can be reduced to 70 µs if using Zero-IF mode.
VDD
Time
VRRH
t
SR
tPORH
VRRL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com