Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI4464 Fiches technique(PDF) 44 Page - Silicon Laboratories

No de pièce SI4464
Description  HIGH-PERFORMANCE
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4464 Fiches technique(HTML) 44 Page - Silicon Laboratories

Back Button SI4464 Datasheet HTML 40Page - Silicon Laboratories SI4464 Datasheet HTML 41Page - Silicon Laboratories SI4464 Datasheet HTML 42Page - Silicon Laboratories SI4464 Datasheet HTML 43Page - Silicon Laboratories SI4464 Datasheet HTML 44Page - Silicon Laboratories SI4464 Datasheet HTML 45Page - Silicon Laboratories SI4464 Datasheet HTML 46Page - Silicon Laboratories SI4464 Datasheet HTML 47Page - Silicon Laboratories SI4464 Datasheet HTML 48Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 56 page
background image
Si4464/63/61/60
44
Rev 1.2
8.3. Temperature, Battery Voltage, and Auxiliary ADC
The Si446x family contains an integrated auxiliary ADC for measuring internal battery voltage, an internal
temperature sensor, or an external component over a GPIO. The ADC utilizes a SAR architecture and achieves
11-bit resolution. The Effective Number of Bits (ENOB) is 9 bits. When measuring external components, the input
voltage range is 1 V, and the conversion rate is between 300 Hz to 2.44 kHz. The ADC value is read by first
sending the GET_ADC_READING command and enabling the inputs that are desired to be read: GPIO, battery, or
temp. The temperature sensor accuracy at 25 °C is typically ±2 °C.

Command Stream

Reply Stream

Parameters

TEMPERATURE_EN
0 = Do not perform ADC conversion of temperature. This will read 0 value in reply TEMPERATURE.
1 = Perform ADC conversion of temperature. This results in TEMP_ADC.
Temp (°C) = TEMP_ADC[15:0] x 568/2560 – 297

BATTERY_VOLTAGE_EN
0 = Don't do ADC conversion of battery voltage, will read 0 value in reply BATTERY_ADC
1 = Do ADC conversion of battery voltage, results in BATTERY_ADC. Vbatt = 3*BATTERY_ADC/1280

ADC_GPIO_EN
0 = Don't do ADC conversion on GPIO, will read 0 value in reply
1 = Do ADC conversion of GPIO, results in GPIO_ADC. Vgpio = GPIO_ADC/GPIO_ADC_DIV where
GPIO_ADC_DIV is defined by GPIO_ATT selection.

ADC_GPIO_PIN[1:0] - Select GPIOx pin. The pin must be set as input.
0 = Measure voltage of GPIO0
1 = Measure voltage of GPIO1
2 = Measure voltage of GPIO2
3 = Measure voltage of GPIO3

UDTIME[7:4] - ADC conversion Time = SYS_CLK / 12 / 2^(UDTIME + 1). Defaults to 0xC if ADC_CFG is 0.
GET_ADC_READING
Command
765
4
3
2
1
0
CMD
0x14
ADC_EN
0
0
0 TEMPERATURE_EN BATTERY_VOLTAGE_EN ADC_GPIO_EN ADC_GPIO_PIN[1:0]
ADC_CFG
UDTIME[3:0]
GPIO_ATT[3:0]
GET_ADC_READING Reply
7654
3210
CTS
CTS[7:0]
GPIO_ADC
GPIO_ADC[15:8]
GPIO_ADC
GPIO_ADC[7:0]
BATTERY_ADC
BATTERY_ADC[15:8]
BATTERY_ADC
BATTERY_ADC[7:0]
TEMP_ADC
TEMP_ADC[15:8]
TEMP_ADC
TEMP_ADC[7:0]
RESERVED
Reserved
RESERVED
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com