Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI4464 Fiches technique(PDF) 41 Page - Silicon Laboratories

No de pièce SI4464
Description  HIGH-PERFORMANCE
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4464 Fiches technique(HTML) 41 Page - Silicon Laboratories

Back Button SI4464 Datasheet HTML 37Page - Silicon Laboratories SI4464 Datasheet HTML 38Page - Silicon Laboratories SI4464 Datasheet HTML 39Page - Silicon Laboratories SI4464 Datasheet HTML 40Page - Silicon Laboratories SI4464 Datasheet HTML 41Page - Silicon Laboratories SI4464 Datasheet HTML 42Page - Silicon Laboratories SI4464 Datasheet HTML 43Page - Silicon Laboratories SI4464 Datasheet HTML 44Page - Silicon Laboratories SI4464 Datasheet HTML 45Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 56 page
background image
Si4464/63/61/60
Rev 1.2
41
7. RX Modem Configuration
The Si446x can easily be configured for different data rate, deviation, frequency, etc. by using the WDS settings
calculator, which generates an initialization file for use by the host MCU.
8. Auxiliary Blocks
8.1. Wake-up Timer and 32 kHz Clock Source
The chip contains an integrated wake-up timer that can be used to periodically wake the chip from sleep mode. The
wake-up timer runs from either the internal 32 kHz RC Oscillator, or from an external 32 kHz XTAL.
The wake-up timer can be configured to run when in sleep mode. If WUT_EN = 1 in the GLOBAL_WUT_CONFIG
property, prior to entering sleep mode, the wake-up timer will count for a time specified defined by the
GLOBAL_WUT_R and GLOBAL_WUT_M properties. At the expiration of this period, an interrupt will be generated
on the nIRQ pin if this interrupt is enabled in the INT_CTL_CHIP_ENABLE property. The microcontroller will then
need to verify the interrupt by reading the chip interrupt status either via GET_INT_STATUS or a fast response
register. The formula for calculating the Wake-Up Period is as follows:
The RC oscillator frequency will change with temperature; so, a periodic recalibration is required. The RC oscillator
is automatically calibrated during the POWER_UP command and exits from the Shutdown state. To enable the
recalibration feature, CAL_EN must be set in the GLOBAL_WUT_CONFIG property, and the desired calibration
period should be selected via WUT_CAL_PERIOD[2:0] in the same API property. During the calibration, the
32 kHz RC oscillator frequency is compared to the 30 MHz XTAL and then adjusted accordingly. The calibration
needs to start the 30 MHz XTAL, which increases the average current consumption; so, a longer CAL_PERIOD
results in a lower average current consumption. The 32 kHz XTAL accuracy is comprised of both the XTAL
parameters and the internal circuit. The XTAL accuracy can be defined as the XTAL initial error + XTAL aging +
XTAL temperature drift + detuning from the internal oscillator circuit. The error caused by the internal circuit is
typically less than 10 ppm.
WUT
WUT_M
42
WUT_R
32 768
-----------------------------
ms

=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com