Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI4464 Fiches technique(PDF) 5 Page - Silicon Laboratories

No de pièce SI4464
Description  HIGH-PERFORMANCE
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4464 Fiches technique(HTML) 5 Page - Silicon Laboratories

  SI4464 Datasheet HTML 1Page - Silicon Laboratories SI4464 Datasheet HTML 2Page - Silicon Laboratories SI4464 Datasheet HTML 3Page - Silicon Laboratories SI4464 Datasheet HTML 4Page - Silicon Laboratories SI4464 Datasheet HTML 5Page - Silicon Laboratories SI4464 Datasheet HTML 6Page - Silicon Laboratories SI4464 Datasheet HTML 7Page - Silicon Laboratories SI4464 Datasheet HTML 8Page - Silicon Laboratories SI4464 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 56 page
background image
Si4464/63/61/60
Rev 1.2
5
Table 2. Synthesizer AC Electrical Characteristics1
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Synthesizer Frequency
Range (Si4463/61/60)
FSYN
850
1050
MHz
420
525
MHz
284
350
MHz
142
175
MHz
Synthesizer Frequency
Range (Si4464)
FSYN
705
960
MHz
353
639
MHz
177
319
MHz
119
159
MHz
Synthesizer Frequency
Resolution3
FRES-960
850–1050 MHz
—28.6
Hz
FRES-525
420–525 MHz
—14.3
Hz
FRES-350
283–350 MHz
—9.5
Hz
FRES-175
142–175 MHz
—4.7
Hz
Synthesizer Frequency
Resolution (Si4464)3
FRES-960
705–960 MHz
—28.6
Hz
FRES-639
470–639 MHz
—19.1
Hz
FRES-479
353–479 MHz
—14.3
Hz
FRES-319
235–319 MHz
—9.5
Hz
FRES-239
177–239 MHz
—7.1
Hz
FRES-159
119–159 MHz
—4.7
Hz
Synthesizer Settling Time4
tLOCK
Measured from exiting Ready mode with
XOSC running to any frequency.
Including VCO Calibration.
—50—
µs
Phase Noise4
L
(fM)
F = 10 kHz, 460 MHz, High Perf Mode
–106
dBc/Hz
F = 100 kHz, 460 MHz, High Perf Mode
–110
dBc/Hz
F = 1 MHz, 460 MHz, High Perf Mode
–123
dBc/Hz
F = 10 MHz, 460 MHz, High Perf Mode
–130
dBc/Hz
Notes:
1.
All specification guaranteed by production test unless otherwise noted. Production test conditions and max limits are
listed in the “Production Test Conditions” section in "1.1. Definition of Test Conditions" on page 14.
2.
For applications that use the major bands covered by Si4463/61/60, customers should use those parts instead of
Si4464.
3.
Default API setting for modulation deviation resolution is double the typical value specified.
4.
Guaranteed by qualification. Qualification test conditions are listed in the "Qualification Test Conditions" section in "1.1.
Definition of Test Conditions" on page 14.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com