Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI4464 Fiches technique(PDF) 52 Page - Silicon Laboratories

No de pièce SI4464
Description  HIGH-PERFORMANCE
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4464 Fiches technique(HTML) 52 Page - Silicon Laboratories

Back Button SI4464 Datasheet HTML 48Page - Silicon Laboratories SI4464 Datasheet HTML 49Page - Silicon Laboratories SI4464 Datasheet HTML 50Page - Silicon Laboratories SI4464 Datasheet HTML 51Page - Silicon Laboratories SI4464 Datasheet HTML 52Page - Silicon Laboratories SI4464 Datasheet HTML 53Page - Silicon Laboratories SI4464 Datasheet HTML 54Page - Silicon Laboratories SI4464 Datasheet HTML 55Page - Silicon Laboratories SI4464 Datasheet HTML 56Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 52 / 56 page
background image
Si4464/63/61/60
52
Rev 1.2
Table 18. PCB Land Pattern Dimensions
Symbol
Millimeters
Min
Max
C1
3.90
4.00
C2
3.90
4.00
E
0.50 REF
X1
0.20
0.30
X2
2.55
2.65
Y1
0.65
0.75
Y2
2.55
2.65
Notes:
General
1.
All dimensions shown are in millimeters (mm) unless otherwise noted.
2.
This land pattern design is based on IPC-7351 guidelines.
Solder Mask Design
3.
All metal pads are to be non-solder mask defined (NSMD). Clearance
between the solder mask and the metal pad is to be 60 µm minimum, all
the way around the pad.
Stencil Design
4.
A stainless steel, laser-cut and electro-polished stencil with trapezoidal
walls should be used to assure good solder paste release.
5.
The stencil thickness should be 0.125 mm (5 mils).
6.
The ratio of stencil aperture to land pad size should be 1:1 for the
perimeter pads.
7.
A 2x2 array of 1.10 x 1.10 mm openings on 1.30 mm pitch should be
used for the center ground pad.
Card Assembly
8.
A No-Clean, Type-3 solder paste is recommended.
9.
The recommended card reflow profile is per the JEDEC/IPC J-STD-020
specification for small body components.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com