Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI4464 Fiches technique(PDF) 10 Page - Silicon Laboratories

No de pièce SI4464
Description  HIGH-PERFORMANCE
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4464 Fiches technique(HTML) 10 Page - Silicon Laboratories

Back Button SI4464 Datasheet HTML 6Page - Silicon Laboratories SI4464 Datasheet HTML 7Page - Silicon Laboratories SI4464 Datasheet HTML 8Page - Silicon Laboratories SI4464 Datasheet HTML 9Page - Silicon Laboratories SI4464 Datasheet HTML 10Page - Silicon Laboratories SI4464 Datasheet HTML 11Page - Silicon Laboratories SI4464 Datasheet HTML 12Page - Silicon Laboratories SI4464 Datasheet HTML 13Page - Silicon Laboratories SI4464 Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 56 page
background image
Si4464/63/61/60
10
Rev 1.2
Modulation Deviation
Resolution2,5
FRES-960
850–1050 MHz
28.6
—Hz
FRES-525
420–525 MHz
14.3
—Hz
FRES-350
283–350 MHz
9.5
—Hz
FRES-175
142–175 MHz
4.7
—Hz
Modulation Deviation
Resolution (Si4464)3
FRES-960
705–960 MHz
—28.6
Hz
FRES-639
470–639 MHz
—19.1
Hz
FRES-479
353–479 MHz
—14.3
Hz
FRES-319
235–319 MHz
—9.5
Hz
FRES-239
177–239 MHz
—7.1
Hz
FRES-159
119–159 MHz
—4.7
Hz
Output Power Range
(Si4464/63)6
PTX
–20
+20
dBm
Output Power Range
(Si4461)6
PTX61
–40
+16
dBm
Output Power Range
(Si4460)6
PTX60
–40
+13
dBm
TX RF Output Steps3
PRF_OUT
Using switched current match within
6 dB of max power
—0.1
dB
TX RF Output Level3
Variation vs. Temperature
PRF_TEMP
–40 to +85
C—
1
dB
TX RF Output Level
Variation vs. Frequency3
PRF_FREQ
Measured across 902–928 MHz
0.5
dB
Transmit Modulation
Filtering3
B*T
Gaussian Filtering Bandwith Time
Product
—0.5
Table 4. Transmitter AC Electrical Characteristics1 (Continued)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Notes:
1.
All specification guaranteed by production test unless otherwise noted. Production test conditions and max limits are
listed in the "Production Test Conditions" section in "1.1. Definition of Test Conditions" on page 14.
2.
For applications that use the major bands covered by Si4463/61/60, customers should use those parts instead of
Si4464.
3.
Guaranteed by qualification. Qualification test conditions are listed in the "Qualification Test Conditions" section in "1.1.
Definition of Test Conditions" on page 14.
4.
The maximum data rate is dependant on the XTAL frequency and is calculated as per the formula:
Maximum Symbol Rate = Fxtal/60, where Fxtal is the XTAL frequency (typically 30 MHz).
5.
Default API setting for modulation deviation resolution is double the typical value specified.
6.
Output power is dependent on matching components and board layout.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com