Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI4464 Fiches technique(PDF) 31 Page - Silicon Laboratories

No de pièce SI4464
Description  HIGH-PERFORMANCE
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4464 Fiches technique(HTML) 31 Page - Silicon Laboratories

Back Button SI4464 Datasheet HTML 27Page - Silicon Laboratories SI4464 Datasheet HTML 28Page - Silicon Laboratories SI4464 Datasheet HTML 29Page - Silicon Laboratories SI4464 Datasheet HTML 30Page - Silicon Laboratories SI4464 Datasheet HTML 31Page - Silicon Laboratories SI4464 Datasheet HTML 32Page - Silicon Laboratories SI4464 Datasheet HTML 33Page - Silicon Laboratories SI4464 Datasheet HTML 34Page - Silicon Laboratories SI4464 Datasheet HTML 35Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 56 page
background image
Si4464/63/61/60
Rev 1.2
31
5.2.3. Image Rejection and Calibration
Since the receiver utilizes a low-IF architecture, the selectivity will be affected by the image frequency. The IF
frequency is 468.75 kHz (Fxtal/64), and the image frequency will be at 937.5 kHz below the RF frequency. The
native image rejection of the Si446x family is 35 dB. Image rejection calibration is available in the Si446x to
improve the image rejection to more than 55 dB. The calibration is initiated with the IRCAL API command. The
calibration uses an internal signal source, so no external signal generator is required. The initial calibration takes
250 ms, and periodic re-calibration takes 100 ms. Re-calibration should be initiated when the temperature has
changed more than 30 °C.
5.2.4. Received Signal Strength Indicator
The received signal strength indicator (RSSI) is an estimate of the signal strength in the channel to which the
receiver is tuned. The RSSI measurement is done after the channel filter, so it is only a measurement of the
desired or undesired in-band signal power. There are two different methods for reading the RSSI value and several
different options for configuring the RSSI value that is returned. The fastest method for reading the RSSI is to
configure one of the four fast response registers (FRR) to return a latched RSSI value. The latched RSSI value is
measured once per packet and is latched at a configurable amount of time after RX mode is entered. The fast
response registers can be read in 16 SPI clock cycles with no requirement to wait for CTS. The RSSI value may
also be read out of the GET_MODEM_STATUS command. In this command, both the current RSSI and the latched
RSSI are available. The current RSSI value represents the signal strength at the instant in time the
GET_MODEM_STATUS command is processed and may be read multiple times per packet. Reading the RSSI in
the GET_MODEM_STATUS command takes longer than reading the RSSI out of the fast response register. After
the initial command, it will take 33 μs for CTS to be set and then the four or five bytes of SPI clock cycles to read
out the respective current or latched RSSI values.
The RSSI configuration options are set in the MODEM_RSSI_CONTROL API property. The latched RSSI value
may be latched and stored based on the following events: preamble detection, sync detection, or a configurable
number of bit times measured after the start of RX mode (minimum of 4 bit times). The requirement for four bit
times is determined by the processing delay and settling through the modem and digital channel filter. In
MODEM_RSSI_CONTROL, the RSSI may be defined to update every bit period or to be averaged and updated
every four bit periods. If RSSI averaging over four bits is enabled, the latched RSSI value will be delayed to a
minimum of 7 bits after the start of RX mode to allow for the averaging. The latched RSSI values are cleared when
entering RX mode so they may be read after the packet is received or after dropping back to standby mode. If the
RSSI value has been cleared by the start of RX but not latched yet, a value of 0 will be returned if it is attempted to
be read.
The RSSI value read by the API could be translated to dBm by the following linear equation:
RSSI (in dBm) = (RSSI_value /2) – RSSIcal
RSSIcal in the above formula depends on the matching network, modem settings, and external LNA gain (if
present). The RSSIcal value can be obtained by a simple calibration with a signal generator connected at the
antenna input. Without external LNA, the value of RSSIcal is around 130 ±30.
During packet reception, it may be useful to detect whether a secondary interfering signal (desired or undesired)
arrives. To detect this event, a feature for RSSI jump detection is available. If the RSSI level changes by a
programmable amount during the reception of a packet, an interrupt or GPIO can be configured to notify the host.
The level of RSSI increase or decrease (jump) is programmable through the MODEM_RSSI_JUMP_THRESH API
property. If an RSSI jump is detected, the modem may be programmed to automatically reset so that it may lock
onto the new stronger signal. The chip may also be configured to automatically reset the receiver upon jump
detection in order to acquire the new signal. The configuration and options for RSSI jump detection are
programmed in the MODEM_RSSI_CONTROL2 API property. By default, RSSI jump detection is not enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com