Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PM0237 Fiches technique(PDF) 51 Page - STMicroelectronics

No de pièce PM0237
Description  The main purpose of this document is to provide a developer
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0237 Fiches technique(HTML) 51 Page - STMicroelectronics

Back Button PM0237 Datasheet HTML 47Page - STMicroelectronics PM0237 Datasheet HTML 48Page - STMicroelectronics PM0237 Datasheet HTML 49Page - STMicroelectronics PM0237 Datasheet HTML 50Page - STMicroelectronics PM0237 Datasheet HTML 51Page - STMicroelectronics PM0237 Datasheet HTML 52Page - STMicroelectronics PM0237 Datasheet HTML 53Page - STMicroelectronics PM0237 Datasheet HTML 54Page - STMicroelectronics PM0237 Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 88 page
background image
DocID027104 Rev 2
51/88
PM0237
Design an application using BlueNRG, BlueNRG-MS ACI APIs
88
switch(blue_evt->ecode){
#if GATT_SERVER
case EVT_BLUE_GATT_ATTRIBUTE_MODIFIED:
{
/* Get attribute modification event data */
evt_gatt_attr_modified *evt = (evt_gatt_attr_modified*)blue_evt-
>data;
evt->conn_handle: the connection handle which modified the attribute;
evt->attr_handle: handle of the attribute that was modified;
evt->data_length: the length of the data;
evt->att_data: pointer to the new value (length is data_length).
/* Add user code for handling attribute modification event based on
application scenarios */
....
}/* EVT_BLUE_GATT_ATTRIBUTE_MODIFIED */
break;
#endif /* GATT_SERVER */
#if
GATT_CLIENT
case EVT_BLUE_GATT_NOTIFICATION:
{
/* Get attribute notification event data */
evt_gatt_attr_notification *evt =
(evt_gatt_attr_notification*)blue_evt->data;
evt->conn_handle: the connection handle which notified the attribute;
evt->event_data_length: length of attribute value + handle (2 bytes);
evt->attr_handle: attribute handle;
evt->attr_value: pointer to attribute value (length is
event_data_length – 2).
/* Add user code for handling attribute notification event based on
application scenarios */
.....
}/* EVT_BLUE_GATT_NOTIFICATION */
break;
break;
#endif /* GATT_CLIENT */
}/* switch(blue_evt->ecode) */
}/* EVT_VENDOR */
break;
}/* switch(evt->subevent)*/
}/* end HCI_Event_CB() */



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88