Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PM0237 Fiches technique(PDF) 78 Page - STMicroelectronics

No de pièce PM0237
Description  The main purpose of this document is to provide a developer
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0237 Fiches technique(HTML) 78 Page - STMicroelectronics

Back Button PM0237 Datasheet HTML 74Page - STMicroelectronics PM0237 Datasheet HTML 75Page - STMicroelectronics PM0237 Datasheet HTML 76Page - STMicroelectronics PM0237 Datasheet HTML 77Page - STMicroelectronics PM0237 Datasheet HTML 78Page - STMicroelectronics PM0237 Datasheet HTML 79Page - STMicroelectronics PM0237 Datasheet HTML 80Page - STMicroelectronics PM0237 Datasheet HTML 81Page - STMicroelectronics PM0237 Datasheet HTML 82Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 88 page
background image
Design an application using BlueNRG, BlueNRG-MS ACI APIs
PM0237
78/88
DocID027104 Rev 2
#endif
/* Enable the acceleration characteristic client descriptor configuration
for notification */
ret = aci_gatt_write_charac_descriptor (conn_handle,
handle_value /* handle for acceleration
client descriptor
configuration */
0x02,
/* attribute value
length */
0x0001, /*
attribute value:
1 for notification */
);if (ret != BLE_STATUS_SUCCESS) PRINTF("Failure.\n")}
Once the characteristics notification have been enabled from the GAP Central, the GAP
peripheral can notify a new value for the free fall and acceleration characteristics as follows:
tBleStatus ret;
uint8_t val = 0x01;
uint16_t service_handle_value;
uint16_t charac_handle_value;
#ifdef BLUENRG_MS
service_handle_value = 0x000C;
charac_handle_value = 0x000D;
#else /*
service_handle_value
= 0x0010;
charac_handle_value = 0x0011;
#endif
/* GAP peripheral notifies free fall characteristic to GAP central*/
ret = aci_gatt_update_char_value (service_handle_value , /* acceleration
service handle */
charac_handle_value, /* free fall characteristic
handle */
0, /* characteristic
value offset */
0x01,/* characteristic value
length*/
&val, /* characteristic value */ );
ret = (accServHandle, freeFallCharHandle, 0, 1, &val);
if (ret != BLE_STATUS_SUCCESS) PRINTF("Failure.\n")}
tBleStatus ret;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88