Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PM0237 Fiches technique(PDF) 26 Page - STMicroelectronics

No de pièce PM0237
Description  The main purpose of this document is to provide a developer
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0237 Fiches technique(HTML) 26 Page - STMicroelectronics

Back Button PM0237 Datasheet HTML 22Page - STMicroelectronics PM0237 Datasheet HTML 23Page - STMicroelectronics PM0237 Datasheet HTML 24Page - STMicroelectronics PM0237 Datasheet HTML 25Page - STMicroelectronics PM0237 Datasheet HTML 26Page - STMicroelectronics PM0237 Datasheet HTML 27Page - STMicroelectronics PM0237 Datasheet HTML 28Page - STMicroelectronics PM0237 Datasheet HTML 29Page - STMicroelectronics PM0237 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 88 page
background image
Bluetooth low energy technology
PM0237
26/88
DocID027104 Rev 2
For a detailed description about the GATT procedures and related responses events refer to
the Bluetooth specification v4.0 on Section 4: References.
1.9
Generic access profile (GAP)
The Bluetooth system defines a base profile implemented by all Bluetooth devices called
Generic Access Profile (GAP). This generic profile defines the basic requirements of a
Bluetooth device.
The four GAP profiles roles are described in the table below:
Write long characteristic value
Prepare write response
Execute write response
Reliable write
Prepare write response
Execute write response
Table 18. Server-initiated procedures and related response events
Procedure
Response events
Notifications
No event is generated
Indications
Confirmation event
Table 17. Client-initiated procedures and related response events (continued)
Procedure
Response events
Table 19. GAP roles(1)
1. M=Mandatory; O=Optional
Role
Description
Transmitter Receiver
Typical example
Broadcaster Sends advertising events
M
O
Temperature sensor which
sends temperature values
Observer
Receives advertising events
O
M
Temperature display which
just receives and display
temperature values
Peripheral
Always a slave.
It is on connectable
advertising mode.
Supports all LL control
procedures Encryption is
optional .
MM
Watch
Central
Always a master.
It never advertises.
It supports active or passive
scan. It supports all LL
control procedures
Encryption is optional
M
M
Mobile phone



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88