| Moteur de recherche de fiches techniques de composants électroniques |
|
PM0237 Fiches technique(PDF) 68 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PM0237 Fiches technique(HTML) 68 Page - STMicroelectronics |
|
68 / 88 page ![]() Design an application using BlueNRG, BlueNRG-MS ACI APIs PM0237 68/88 DocID027104 Rev 2 Note: The different attribute value handles are due to the last attribute handle reserved for the standard GAP service (0x000F on BlueNRG stack and 0x000B on BlueNRG-MS stack). For detailed information about the sensor profile demo, refer to the user manual UM1686 and the sensor demo source code available within the development kit software package (see References). On the following example, the BlueNRG GAP peripheral sensor profile demo environmental service is defining only the temperature characteristic (no expansion board with pressure and humidity sensors is used). Acceleration characteristic 0x0010 0x0011 0x0012 NA Environmenta l service NA 0x0013 NA NA NA Temperature Characteristic 0x0014 0xx0015 NA 0x0016 Table 42. BlueNRG-MS sensor profile demo services & characteristics handles (continued) Service Characteristic Service / characteristic handle Characteristic value handle Characteristic client descriptor configuration handle Characteristic format handle |