Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PM0237 Fiches technique(PDF) 19 Page - STMicroelectronics

No de pièce PM0237
Description  The main purpose of this document is to provide a developer
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0237 Fiches technique(HTML) 19 Page - STMicroelectronics

Back Button PM0237 Datasheet HTML 15Page - STMicroelectronics PM0237 Datasheet HTML 16Page - STMicroelectronics PM0237 Datasheet HTML 17Page - STMicroelectronics PM0237 Datasheet HTML 18Page - STMicroelectronics PM0237 Datasheet HTML 19Page - STMicroelectronics PM0237 Datasheet HTML 20Page - STMicroelectronics PM0237 Datasheet HTML 21Page - STMicroelectronics PM0237 Datasheet HTML 22Page - STMicroelectronics PM0237 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 88 page
background image
DocID027104 Rev 2
19/88
PM0237
Bluetooth low energy technology
88
Attribute example
“Temperature UUID” is defined by “Temperature characteristic” specification and it is
a signed 16-bit integer.
A collection of attributes is called a database that is always contained in an attribute server.
Attribute protocol defines a set of methods protocol for discovering, reading and writing
attributes on a peer device. It implements the peer-to-peer Client-Server protocol between
an attribute server and an attribute client as follows:
Server role
Contains all attributes (attribute database)
Receives requests, executes, responds commands
Can indicate, notify an attribute value when data change
Client role
Talk with server
Sends requests, wait for response (it can access (read), update (write) the data)
Can confirm indications
Attributes exposed by a Server can be discovered, read, and written by the Client, and they
can be indicated and notified by the Server as described in Table 9:
Table 8. Attribute example
Attribute handle
Attribute type
Attribute value
Attribute permissions
0x0008
“Temperature UUID”
“Temperature Value”
“Read Only, No
authorization, No
authentication”
Table 9. Attributes protocol messages
Protocol Data Unit
(PDU message)
Sent by
Description
Request
Client
Client requests something from server (it
always causes a response)
Response
Server
Server sends response to a request from a
client
Command
Client
Client commands something to server (no
response)
Notification
Server
Server notifies client of new value (no
confirmation)
Indication
Server
Server indicates to client new value (it always
causes a confirmation)
Confirmation
Client
Confirmation to an indication



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88