| Moteur de recherche de fiches techniques de composants électroniques |
|
PM0237 Fiches technique(PDF) 79 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PM0237 Fiches technique(HTML) 79 Page - STMicroelectronics |
|
79 / 88 page ![]() DocID027104 Rev 2 79/88 PM0237 Design an application using BlueNRG, BlueNRG-MS ACI APIs 88 uint8_t buff[6]; #ifdef BLUENRG_MS charac_handle_value = 0x0010; #else /* charac_handle_value = 0x0014; #endif /* Set the mems acceleration values on three axis x,y,z on buff array */ .... /* GAP peripheral notifies acceleration characteristic to GAP central*/ ret = aci_gatt_update_char_value (service_handle_value , /* acceleration service handle */ charac_handle_value, /* acceleration characteristic handle */ 0 , /* characteristic value offset */ 0x06, /* characteristic value length */ buff, /* characteristic value */ ); ret = (accServHandle, freeFallCharHandle, 0, 1, &val); if (ret != BLE_STATUS_SUCCESS) PRINTF("Failure.\n")} On GAP Central, HCI_Event_CB() callback (EVT_VENDOR as main event), the EVT_BLUE_GATT_NOTIFICATION is raised on reception of the characteristic notification (acceleration or free fall) from the GAP Peripheral device. Follow a pseudo code of the HCI_Event_CB() callback: void HCI_Event_CB(void *pckt) { hci_uart_pckt *hci_pckt = pckt; hci_event_pckt *event_pckt = (hci_event_pckt*)hci_pckt->data; if(hci_pckt->type != HCI_EVENT_PKT return; switch(event_pckt->evt){ case EVT_VENDOR: { /* Get the vendor event data */ evt_blue_aci *blue_evt = (void*)event_pckt->data; switch(blue_evt->ecode) { case EVT_BLUE_GATT_NOTIFICATION: { |