Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PM0237 Fiches technique(PDF) 77 Page - STMicroelectronics

No de pièce PM0237
Description  The main purpose of this document is to provide a developer
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0237 Fiches technique(HTML) 77 Page - STMicroelectronics

Back Button PM0237 Datasheet HTML 73Page - STMicroelectronics PM0237 Datasheet HTML 74Page - STMicroelectronics PM0237 Datasheet HTML 75Page - STMicroelectronics PM0237 Datasheet HTML 76Page - STMicroelectronics PM0237 Datasheet HTML 77Page - STMicroelectronics PM0237 Datasheet HTML 78Page - STMicroelectronics PM0237 Datasheet HTML 79Page - STMicroelectronics PM0237 Datasheet HTML 80Page - STMicroelectronics PM0237 Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 88 page
background image
DocID027104 Rev 2
77/88
PM0237
Design an application using BlueNRG, BlueNRG-MS ACI APIs
88
In the context of the sensor profile demo, follow a simple pseudo code the GAP Central
application should use in order to configure the free fall and the acceleration characteristics
client descriptors configuration for notification:
tBleStatus ret;
uint16_t handle_value;
#ifdef BLUENRG_MS
handle_value = 0x000F;
#else /*
handle_value = 0x0013;
#endif
/* Enable the free fall characteristic client descriptor configuration for
ret = aci_gatt_write_charac_descriptor(conn_handle,
handle_value /* handle for free fall
client descriptor
configuration */
0x02, /* attribute value
length */
0x0001, /* attribute value:
1 for notification */
);
if (ret != BLE_STATUS_SUCCESS) PRINTF("Failure.\n")}
#ifdef BLUENRG_MS
handle_value = 0x0012;
#else /*
handle_value = 0x0016;
aci_gatt_write_charac_descriptor()
It start the procedure to write a
characteristic descriptor.
GATT client
aci_gatt_confirm_indication()
It confirms an indication. This command
has to be sent when the application
receives the event
EVT_BLUE_GATT_INDICATION on the
reception of a characteristic indication.
GATT client
Table 50. Characteristics update, read, write APIs
Discovery service API
Description
Where



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88