| Moteur de recherche de fiches techniques de composants électroniques |
|
PM0237 Fiches technique(PDF) 23 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PM0237 Fiches technique(HTML) 23 Page - STMicroelectronics |
|
23 / 88 page ![]() DocID027104 Rev 2 23/88 PM0237 Bluetooth low energy technology 88 Figure 6. Example of characteristic definition A characteristic declaration is an attribute defined as follows: Table 12. Characteristic declaration Attribute handle Attribute type Attribute value Attribute permissions 0xNNNN 0x2803 (UUID for characteristic attribute type) Characteristic value properties (read, broadcast, write, write without response, notify, indicate, …). Determine how characteristic value can be used or how characteristic descriptor can be accessed Read only, No authentication, No authorization Characteristic value attribute handle Characteristic value UUID (16 or 128 bits) |