| Moteur de recherche de fiches techniques de composants électroniques |
|
PM0237 Fiches technique(PDF) 67 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PM0237 Fiches technique(HTML) 67 Page - STMicroelectronics |
|
67 / 88 page ![]() DocID027104 Rev 2 67/88 PM0237 Design an application using BlueNRG, BlueNRG-MS ACI APIs 88 specified in OOB_Data. This implies that both devices are using this method and they are setting the same OOB data defined through an out of band communication (example: NFC). 3.6 Service and characteristic discovery This section describes the main functions allowing a BlueNRG, BlueNRG-MS GAP central device to discover the GAP peripheral services & characteristics, once the two devices are connected. The sensor profile demo services & characteristics with related handles are used as reference services and characteristics on the following pseudocode examples. Further, it is assumed that a GAP central device is connected to a GAP peripheral device running the Sensor Demo profile application. The GAP central device use the service and discovery procedures to find the GAP Peripheral sensor profile demo service and characteristics. Table 41. BlueNRG sensor profile demo services & characteristics handles Service Characteristic Service/characteristic handle Characteristic value handle Characteristic client descriptor configuration handle Characteristic format handle Acceleration service NA 0x0010 NA NA NA Free Fall characteristic 0x0011 0x0012 0x0013 NA Acceleration characteristic 0x0014 0x0015 0x0016 NA Environmental service NA 0x0017 NA NA NA Temperature characteristic 0x0018 0x0019 NA 0x001A Table 42. BlueNRG-MS sensor profile demo services & characteristics handles Service Characteristic Service / characteristic handle Characteristic value handle Characteristic client descriptor configuration handle Characteristic format handle Acceleration service NA 0x000C NA NA NA Free Fall characteristic 0x000D 0x000E 0x000F NA |