Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PM0237 Fiches technique(PDF) 25 Page - STMicroelectronics

No de pièce PM0237
Description  The main purpose of this document is to provide a developer
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0237 Fiches technique(HTML) 25 Page - STMicroelectronics

Back Button PM0237 Datasheet HTML 21Page - STMicroelectronics PM0237 Datasheet HTML 22Page - STMicroelectronics PM0237 Datasheet HTML 23Page - STMicroelectronics PM0237 Datasheet HTML 24Page - STMicroelectronics PM0237 Datasheet HTML 25Page - STMicroelectronics PM0237 Datasheet HTML 26Page - STMicroelectronics PM0237 Datasheet HTML 27Page - STMicroelectronics PM0237 Datasheet HTML 28Page - STMicroelectronics PM0237 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 88 page
background image
DocID027104 Rev 2
25/88
PM0237
Bluetooth low energy technology
88
A service shall contain a service declaration and may contain definitions and characteristic
definitions. A service includes declaration follows the service declaration and any other
attributes of the server.
“Include service attribute handle” is the attribute handle of the included secondary service
and “end group handle” is the handle of the last attribute within the included secondary
service.
1.8.4
GATT procedures
The Generic Attribute Profile (GATT) defines a standard set of procedures allowing to
discover services, characteristics, related descriptors and how to use them.
The following procedures are available:
Discovery procedures (Table 16)
Client-initiated procedures (Table 17)
Server-initiated procedures (Table 18)
Table 15. Include declaration
Attribute
handle
Attribute type
Attribute value
Attribute
permissions
0xNNNN
0x2802 (UUID
for include
attribute type)
Include service
attribute
handle
End group
handle
Service
UUID
Read only,
No authentication,
No authorization
Table 16. Discovery procedures and related response events
Procedure
Response events
Discovery all primary services
Read by group response
Discovery primary service by service UUID
Find by type value response
Find included services
Read by type response event
Discovery all characteristics of a service
Read by type response
Discovery characteristics by UUID
Read by type response
Discovery all characteristics descriptors
Find information response
Table 17. Client-initiated procedures and related response events
Procedure
Response events
Read characteristic value
Read response event.
Read characteristic value by UUID
Read response event.
Read long characteristic value
Read blob response events
Read multiple characteristic values
Read response event.
Write characteristic value without response
No event is generated
Signed write without response
No event is generated
Write characteristic value
Write response event.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88