| Moteur de recherche de fiches techniques de composants électroniques |
|
PM0237 Fiches technique(PDF) 29 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PM0237 Fiches technique(HTML) 29 Page - STMicroelectronics |
|
29 / 88 page ![]() DocID027104 Rev 2 29/88 PM0237 Bluetooth low energy technology 88 Table 25. GAP discovery procedures Procedure Description Notes Role Limited discoverable procedure It is used for discovery peripheral devices in limited discovery mode Device filtering is applied based on Flags AD type information Central General discoverable procedure It is used for discovery peripheral devices in general ad limited discovery mode Device filtering is applied based on Flags AD type information Central Name discovery procedure It is the procedure for retrieving the “Bluetooth Device Name” from connectable devices Central Table 26. GAP connection procedures Procedure Description Notes Role Auto connection establishment procedure Allows the connection with one or more devices in the directed connectable mode or the undirected connectable mode It uses white lists Central General connection establishment procedure Allows a connection with a set of known peer devices in the directed connectable mode or the undirected connectable mode. It supports private addresses by using the direct connection establishment procedure when it detects a device with a private address during the passive scan. Central Selective connection establishment procedure Establish a connection with the Host selected connection configuration parameters with a set of devices in the White List. It uses white lists and it scans by this white list. Central Direct connection establishment procedure Establish a connection with a specific device using a set of connection interval parameters. General and selective procedures uses it. Central Connection parameter update procedure Updates the connection parameters used during the connection. Central Terminate procedure Terminates a GAP procedure Central |