Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PM0237 Fiches technique(PDF) 39 Page - STMicroelectronics

No de pièce PM0237
Description  The main purpose of this document is to provide a developer
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0237 Fiches technique(HTML) 39 Page - STMicroelectronics

Back Button PM0237 Datasheet HTML 35Page - STMicroelectronics PM0237 Datasheet HTML 36Page - STMicroelectronics PM0237 Datasheet HTML 37Page - STMicroelectronics PM0237 Datasheet HTML 38Page - STMicroelectronics PM0237 Datasheet HTML 39Page - STMicroelectronics PM0237 Datasheet HTML 40Page - STMicroelectronics PM0237 Datasheet HTML 41Page - STMicroelectronics PM0237 Datasheet HTML 42Page - STMicroelectronics PM0237 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 88 page
background image
DocID027104 Rev 2
39/88
PM0237
BlueNRG, BlueNRG-MS stacks architecture and ACI
88
The following define values allow to select, at compile time, the specific platforms header
files provided within the platform\STM32L1XX\Libraries\SDK_Eval_STM32L\inc folder:
#if USER_DEFINED_PLATFORM == STEVAL_IDB002V1
#include "USER_Platform_Configuration_STEVAL_IDB002V1.h"
#elif USER_DEFINED_PLATFORM == STEVAL_IDB003V1
#include "USER_Platform_Configuration_STEVAL_IDB003V1.h"
#endif
A user platform can be simply supported, at compile time, by following these steps:
1.
Create a file "USER_Platform_Configuration.h" with specific user platform
configuration:
USER_Platform_Configuration_STEVAL_IDB002V1.h
or
USER_Platform_Configuration_STEVAL_IDB003V1.h
can be used as reference ( to
be extended based on available user platform resources).
2.
Place the "USER_Platform_Configuration.h" on the
STM32L\platform\STM32L1XX\Libraries\SDK_Eval_STM32L\inc folder.
3.
On the selected EWARM workspace preprocessor options, add this define:
USER_DEFINED_PLATFORM=USER_EVAL_PLATFORM
.
If no user platform is defined at compile time, through the related preprocessor option,
USER_DEFINED_PLATFORM is automatically set to STEVAL_IDB00xV1. This allows to
include the file USER_Platform_Configuration_auto.h which contains the BlueNRG,
BlueNRG-MS kits platforms define values used during the runtime auto configuration
procedure performed from SdkEvalIdentification() function. This header file must not be
modified by user.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88