| Moteur de recherche de fiches techniques de composants électroniques |
|
UM0225 Fiches technique(PDF) 49 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0225 Fiches technique(HTML) 49 Page - STMicroelectronics |
|
49 / 57 page ![]() Obsolete Product(s) - Obsolete Product(s) Obsolete Product(s) - Obsolete Product(s) UM0225 3 Designing with CAPS 48/56 Appendix C HAL library C-header file example This is an example of the HAL library C-header file, 91x_conf.h. /************* Copyright (C) 2005-2006 STMicroelectronics, Inc. ************ * Header file generated by CAPS Version x.xx Alpha - 4/20/2006 11:52:28 * Project Name : new912_128 * Project Folder : C:\CAPS\Projects\new912_128 * Project Description : This is an example * Target Device : STR912FW44X6 ****************************************************************************/ #ifndef __new912_128_h #define __new912_128_h // **************************************************************** // Device name // **************************************************************** #define _Device_Type STR912FW44X6 // **************************************************************** // System (AHB) and peripheral (APB) Buses // **************************************************************** #define _AHBAPB // always #define _AHBAPB0 // always #define _AHBAPB1 // always // **************************************************************** // Vectored interrupt controller // **************************************************************** #define _VIC // always #define _VIC0 // always #define _VIC1 // always // **************************************************************** // Flash memory interface // **************************************************************** #define _FMI // always // **************************************************************** // Wakeup interrupt unit // **************************************************************** #define _WIU // always // **************************************************************** // Real time clock // **************************************************************** #define _RTC // always // **************************************************************** // System control unit // **************************************************************** #define _SCU // always // **************************************************************** // Watch dog // **************************************************************** #define _WDG // always // **************************************************************** // DEBUG // **************************************************************** #define DEBUG // always // **************************************************************** // Direct memory access // **************************************************************** #define _DMA // always #define _DMA_Channel0 // always #define _DMA_Channel1 // always #define _DMA_Channel2 // always |