Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM0225 Fiches technique(PDF) 36 Page - STMicroelectronics

No de pièce UM0225
Description  Configuration and programming software
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0225 Fiches technique(HTML) 36 Page - STMicroelectronics

Back Button UM0225 Datasheet HTML 32Page - STMicroelectronics UM0225 Datasheet HTML 33Page - STMicroelectronics UM0225 Datasheet HTML 34Page - STMicroelectronics UM0225 Datasheet HTML 35Page - STMicroelectronics UM0225 Datasheet HTML 36Page - STMicroelectronics UM0225 Datasheet HTML 37Page - STMicroelectronics UM0225 Datasheet HTML 38Page - STMicroelectronics UM0225 Datasheet HTML 39Page - STMicroelectronics UM0225 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 57 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
3 Designing with CAPS
UM0225
35/56
Figure 32. Programming dialog for single device
The dialog guides you through the following programming steps.
1.
Select programming file and target device
By default, the programming data file for the currently active session is displayed. Use the
Browse button to open another, previously saved programming data file.
The type of target device associated with the programming data file is shown in the Select
device box. Use the drop-down menu to change the device type.
Note:
All other file-related operations within this dialog window operate on the current programming
data file.
2.
Specify JTAG-ISP operation and conditions
Choose one of the available JTAG-ISP operations using the Select operation drop-down
menu. Refer to 3.7.1: JTAG-ISP operations for a more detailed discussion of the
programming options.
Note:
These operations should only be performed on a target device in a known, operational state.
The JTAG-ISP operation may be applied to the following device memory regions.
•
Main Flash
•
Secondary Flash
•
User Code
•
Configuration
•OTP
One or more regions may be selected simultaneously by clicking the desired
checkbox(es). As a convenience, click the All checkbox to select all regions for the JTAG-
ISP operation.
To automatically merge the MCU firmware, click the Merge MCU firmware checkbox.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57