Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM0225 Fiches technique(PDF) 28 Page - STMicroelectronics

No de pièce UM0225
Description  Configuration and programming software
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0225 Fiches technique(HTML) 28 Page - STMicroelectronics

Back Button UM0225 Datasheet HTML 24Page - STMicroelectronics UM0225 Datasheet HTML 25Page - STMicroelectronics UM0225 Datasheet HTML 26Page - STMicroelectronics UM0225 Datasheet HTML 27Page - STMicroelectronics UM0225 Datasheet HTML 28Page - STMicroelectronics UM0225 Datasheet HTML 29Page - STMicroelectronics UM0225 Datasheet HTML 30Page - STMicroelectronics UM0225 Datasheet HTML 31Page - STMicroelectronics UM0225 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 57 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
3 Designing with CAPS
UM0225
27/56
Click the desired radio buttons to assign the pins to the respective function. Click the Apply
button to save the assignment and to automatically lock the pin to the function.
When the dialog shown in Figure 20 is displayed, click OK to accept the configuration and
continue. The Timer1 peripheral is selected and displayed in the List of assigned peripheral(s),
as shown in Figure 22.
Figure 22. Example - selected Timer1 peripheral
Mouse-over the Timer1 peripheral in the List of assigned peripheral(s) to view pin resource
utilization, as shown in Figure 23.
The example shows the functions dynamically assigned to pins 1 (P4_2) and 50 (P3_1).
Note:
As an alternative, you may also view resource utilization using the Tools, Generate Project
Report menu, or use Pin Summary for a graphic display of pin utilization.
Figure 23. Example - Timer1 pin assignment display



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57