Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM0225 Fiches technique(PDF) 24 Page - STMicroelectronics

No de pièce UM0225
Description  Configuration and programming software
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0225 Fiches technique(HTML) 24 Page - STMicroelectronics

Back Button UM0225 Datasheet HTML 20Page - STMicroelectronics UM0225 Datasheet HTML 21Page - STMicroelectronics UM0225 Datasheet HTML 22Page - STMicroelectronics UM0225 Datasheet HTML 23Page - STMicroelectronics UM0225 Datasheet HTML 24Page - STMicroelectronics UM0225 Datasheet HTML 25Page - STMicroelectronics UM0225 Datasheet HTML 26Page - STMicroelectronics UM0225 Datasheet HTML 27Page - STMicroelectronics UM0225 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 57 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
3 Designing with CAPS
UM0225
23/56
Figure 15. Clock divisor specification, step 2
From the drop-down menu for each clock signal, select the desired divider value.
3.3.3
Saving the clock settings
It is recommended that you continue to step 3 of this dialog to create a C-header file. The
header file 91x_conf.H is automatically created for your project along with Project.H file. The
header file 91x_conf.H is used by the STR9 HAL library to initialize clock source and peripheral
usage. (See Figure 16.: Clock C-header create, step 3).
Figure 16. Clock C-header create, step 3
Click the Save... button to save the C-header file.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57