Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM0225 Fiches technique(PDF) 42 Page - STMicroelectronics

No de pièce UM0225
Description  Configuration and programming software
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0225 Fiches technique(HTML) 42 Page - STMicroelectronics

Back Button UM0225 Datasheet HTML 38Page - STMicroelectronics UM0225 Datasheet HTML 39Page - STMicroelectronics UM0225 Datasheet HTML 40Page - STMicroelectronics UM0225 Datasheet HTML 41Page - STMicroelectronics UM0225 Datasheet HTML 42Page - STMicroelectronics UM0225 Datasheet HTML 43Page - STMicroelectronics UM0225 Datasheet HTML 44Page - STMicroelectronics UM0225 Datasheet HTML 45Page - STMicroelectronics UM0225 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 57 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
3 Designing with CAPS
UM0225
41/56
If the test fails, the dialog shown in Figure 38.: Link connect test error dialog displays. (A
similar dialog displays for the RLink option).
Figure 38. Link connect test error dialog
Press OK to continue, and check the physical connections between your PC and target
board by performing a loopback test.
4.
Click the Target Connect Test button to test communication from your PC through the
JTAG chain on the target board.
Note:
It is recommended that link and connectivity tests be run before attempting any JTAG
operations.
The dialog shown in Figure 39.: Target connectivity test dialog displays, showing the
preliminary steps required for a successful test.
Figure 39. Target connectivity test dialog
If the JTAG chain on the target board successfully responded, a message displays
indicating the test passed. Press OK to continue.
If the test fails, the error message shown in Figure 39.: Target connectivity test dialog
displays.
Figure 40. Target connect test error dialog



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57