Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM0225 Fiches technique(PDF) 41 Page - STMicroelectronics

No de pièce UM0225
Description  Configuration and programming software
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0225 Fiches technique(HTML) 41 Page - STMicroelectronics

Back Button UM0225 Datasheet HTML 37Page - STMicroelectronics UM0225 Datasheet HTML 38Page - STMicroelectronics UM0225 Datasheet HTML 39Page - STMicroelectronics UM0225 Datasheet HTML 40Page - STMicroelectronics UM0225 Datasheet HTML 41Page - STMicroelectronics UM0225 Datasheet HTML 42Page - STMicroelectronics UM0225 Datasheet HTML 43Page - STMicroelectronics UM0225 Datasheet HTML 44Page - STMicroelectronics UM0225 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 57 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
UM0225
3 Designing with CAPS
40/56
Figure 36. Hardware setup dialog
1.
Use the drop-down menu to choose the type of communication link (RLink or FlashLINK)
connected between the PC and target board.
If FlashLINK is selected, also click Parallel Port and choose Auto Select or the LPT port
from the drop-down menu.
2.
Check the Always monitor RTCK checkbox to use the RTCK to pace the TCK clock
frequency, from the external JTAG test equipment.
Note:
Using RTCK requires another connector pin.
3.
Click the FlashLINK Connect Test button or the RLink Connect Test button, as
applicable, to confirm connectivity between your PC and the target board.
The dialog shown in Figure 37.: Link connectivity test dialog appears, showing the
preliminary steps required before continuing.
Figure 37. Link connectivity test dialog
When you are ready, click OK to continue. If the test passes, a success message is
displayed. Click OK to continue.
RLink
Communication using a USB port.
FlashLINK
Communication using a parallel port.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57