| Moteur de recherche de fiches techniques de composants électroniques |
|
UM0225 Fiches technique(PDF) 52 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0225 Fiches technique(HTML) 52 Page - STMicroelectronics |
|
52 / 57 page ![]() Obsolete Product(s) - Obsolete Product(s) Obsolete Product(s) - Obsolete Product(s) 3 Designing with CAPS UM0225 51/56 // #define _TMR2 // Timer 2 // #define _TMR3 // Timer 3 // **************************************************************** // UART // **************************************************************** #define _UART // UART => At least of the UARTs is enabled #define _UART0 // UART 0 enabled // #define _UART1 // UART 1 // #define _UART2 // UART 2 // **************************************************************** // USB // **************************************************************** #define _USB // USB enabled #define _USBCLK SCU_USBCLK_EXT // Use external clock void Device_Init(void); #endif /* __new912_128_h */ /************* Copyright (C) 2005-2006 STMicroelectronics, Inc. ************/ |