| Moteur de recherche de fiches techniques de composants électroniques |
|
UM0225 Fiches technique(PDF) 39 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0225 Fiches technique(HTML) 39 Page - STMicroelectronics |
|
39 / 57 page ![]() Obsolete Product(s) - Obsolete Product(s) Obsolete Product(s) - Obsolete Product(s) UM0225 3 Designing with CAPS 38/56 3. Click the Properties... button to view the JTAG-ISP Attributes. This shows the device name and its instruction register length. This information may be useful to setup the JTAG chain for 3rd party programming tools that do not have an auto- detect function. 4. Click the Execute button to perform the programming operation selected, above. If you attempt to program a device that is not blank, a warning message verifies that you “want to do the full chip erase” before continuing. Click Yes to continue. 3.7.2 Checksum the programming file Click the File Checksum button to generate checksums for the current programming file. The following checksums are generated. • Main flash • Secondary flash • User code • Configuration data area, including OTP memory • The entire file The output log, if enabled, shows the results of the operation, as shown in Figure 34.: Checksum file output log. Figure 34. Checksum file output log 3.7.3 Generate ATE file For STR9 devices, the Serial Vector Format (SVF) or JEDEC Standard Programming Language (STAPL) format file is not supported. The ATE Files... feature should not be used. OTP One-time-programmable region only |