Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM0225 Fiches technique(PDF) 17 Page - STMicroelectronics

No de pièce UM0225
Description  Configuration and programming software
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0225 Fiches technique(HTML) 17 Page - STMicroelectronics

Back Button UM0225 Datasheet HTML 13Page - STMicroelectronics UM0225 Datasheet HTML 14Page - STMicroelectronics UM0225 Datasheet HTML 15Page - STMicroelectronics UM0225 Datasheet HTML 16Page - STMicroelectronics UM0225 Datasheet HTML 17Page - STMicroelectronics UM0225 Datasheet HTML 18Page - STMicroelectronics UM0225 Datasheet HTML 19Page - STMicroelectronics UM0225 Datasheet HTML 20Page - STMicroelectronics UM0225 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 57 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
UM0225
3 Designing with CAPS
16/56
Click OK and enter a different project name to continue.
3.1
Design flow
The CAPS design flow interface models the typical steps used in the design process. These
steps have corresponding navigation buttons, shown in the left frame of the main window, as
shown in Figure 10: Design flow interface buttons.
Figure 10. Design flow interface buttons
The red arrow indicates the next action to be performed in the design process.
Click the button corresponding to the desired design and programming operation.
•
Manage Project
•Design Entry
•
Additional Settings
•Program Device
3.1.1
Manage Project dialog
Click the Manage Project button to access the project management functions listed below.
Invoke the function by clicking the radio button associated with the function, then click OK.
Create a new project
Select this option to create a new project for your
design.
Open an existing project
Select this option to open a project that you have
previously created.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57