| Moteur de recherche de fiches techniques de composants électroniques |
|
UM0225 Fiches technique(PDF) 16 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0225 Fiches technique(HTML) 16 Page - STMicroelectronics |
|
16 / 57 page ![]() Obsolete Product(s) - Obsolete Product(s) Obsolete Product(s) - Obsolete Product(s) 3 Designing with CAPS UM0225 15/56 3 Designing with CAPS This section provides a detailed description of how to use CAPS features, including: • The design flow model that guides you through the design process. • Firmware placement. • Specifying peripheral and GPIO pin function assignment. • Setting security. • Setting JTAG/ISP parameters. • Setting sector protection. • Validating and programming the target device. From the window used to create a new project, click the Create button to begin designing a project, as shown in Figure 8.: Create a project dialog. Figure 8. Create a project dialog Project names must be unique. Otherwise, CAPS displays the error message shown in Figure 9.: Create project dialog error. Figure 9. Create project dialog error |