Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM0225 Fiches technique(PDF) 18 Page - STMicroelectronics

No de pièce UM0225
Description  Configuration and programming software
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0225 Fiches technique(HTML) 18 Page - STMicroelectronics

Back Button UM0225 Datasheet HTML 14Page - STMicroelectronics UM0225 Datasheet HTML 15Page - STMicroelectronics UM0225 Datasheet HTML 16Page - STMicroelectronics UM0225 Datasheet HTML 17Page - STMicroelectronics UM0225 Datasheet HTML 18Page - STMicroelectronics UM0225 Datasheet HTML 19Page - STMicroelectronics UM0225 Datasheet HTML 20Page - STMicroelectronics UM0225 Datasheet HTML 21Page - STMicroelectronics UM0225 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 57 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
3 Designing with CAPS
UM0225
17/56
3.1.2
Design entry forms
Use one or more of the design entry forms for CAPS design. These forms are accessed by
clicking the Design Entry button, then selecting the appropriate tab:
3.1.3
Additional settings form
Optional configuration choices are available by clicking on the design flow Additional Settings
button, then clicking the Configuration tab.
Save current opened project
to a different name
Select this option to rename the current project.
The project with the new name becomes the
currently active project.
Delete an existing project
Select this option to delete a project and all of its
associated files.
Close current opened project
Select this option to close the currently active
project.
LVD Voltage
Use this form to choose the desired voltage
specification option. See Specifying the LVD
voltage for a detailed discussion on using this
feature.
Clocks
Use this form to choose the desired clock source
option. See Specifying the clock source and
frequency for a detailed discussion on using this
feature.
Peripheral/Pin Assignment
Use this form to select the desired peripheral for
your design and its pin function assignment. See
Specifying peripheral and GPIO pin assignment
for a detailed discussion on using this feature.
Pin Summary
Use this form to graphically display the results of
your Peripheral/Pin Assignment operations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57