Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM0225 Fiches technique(PDF) 53 Page - STMicroelectronics

No de pièce UM0225
Description  Configuration and programming software
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0225 Fiches technique(HTML) 53 Page - STMicroelectronics

Back Button UM0225 Datasheet HTML 49Page - STMicroelectronics UM0225 Datasheet HTML 50Page - STMicroelectronics UM0225 Datasheet HTML 51Page - STMicroelectronics UM0225 Datasheet HTML 52Page - STMicroelectronics UM0225 Datasheet HTML 53Page - STMicroelectronics UM0225 Datasheet HTML 54Page - STMicroelectronics UM0225 Datasheet HTML 55Page - STMicroelectronics UM0225 Datasheet HTML 56Page - STMicroelectronics UM0225 Datasheet HTML 57Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 53 / 57 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
UM0225
3 Designing with CAPS
52/56
Appendix D FlashLINK Cable – Install fast JTAG driver
Warning:
Dual-Processor System or HyperThreading Enabled System: Please do NOT install the
fast JTAG driver (JTD) for FlashLINK cable. The reason is that the JTD driver is not
designed to handle code reentrancy as such it cannot support two processes at the
same time. Refer to the workaround solution, described below.
D.1
Driver installation
To install the FlashLINK Cable fast JTAG driver (JTD),
1.
Locate the “Drivers\FLink" folder under your CAPS folder.
2.
At command prompt,
a)
To install the JTD driver
>>JTDINSTALL
b)
To uninstall the JTD driver
>>JTDCFGW uninstall
3.
You must reboot the system after installing or uninstalling the driver.
Note:
To achieve better programming performance in conjunction with the JTD driver, we
recommend that you use the PCI parallel port card from SIIG: Cyber Parallel PCI Single
Parallel Port
D.2
Workaround solutions
There are two workaround options for dual-processor systems, which are described below.
1.
Boot into single processor mode and use the fast JTD driver.
2.
Use the standard Parallel Port driver (PEP).
There are two workaround options for systems with hyper-thread enabled, which are described
below.
1.
Disable hyper-thread and use the fast JTD driver.
2.
Leave hyper-thread as enabled and use the standard parallel port driver (PEP).
From JTAG/ISP standpoint, the tradeoff between the two solutions is the programming
performance.
D.2.1
Dual-processor System: using solution 1
1.
Boot your system in single processor mode and install JTD driver:
If you have not already installed the JTD driver, go to the CAPS subfolder “Drivers\Flink”
and invoke JTDINSTALL.BAT.
2.
Reboot your system.
D.2.2
Dual-processor System: using solution 2
Follow the steps below to uninstall the JTD driver and install the PEP driver.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57