| Moteur de recherche de fiches techniques de composants électroniques |
|
UM0225 Fiches technique(PDF) 38 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0225 Fiches technique(HTML) 38 Page - STMicroelectronics |
|
38 / 57 page ![]() Obsolete Product(s) - Obsolete Product(s) Obsolete Product(s) - Obsolete Product(s) 3 Designing with CAPS UM0225 37/56 1. Use the Select operation drop-down menu to choose from the following programming operations. 2. Use the Select region checkbox to select the device memory region for the programming operation. Blank Test Determine if any region of the device has been programmed. Erase Erase one or more regions of the device. Program/Verify Write code, configuration or data to the device based on the contents of the programming data (.obj) file. Following programming, compare the actual contents of the device with the contents of the current programming data (.obj) file. Program Only Write code, configuration or data to the device based on the contents of the programming data (.obj) file. Verify Compare the actual contents of the device with the contents of the current programming data (.obj) file. Upload Read the contents of the device and save the contents to a programming data (.obj) file. ByPass Place the device in bypass mode. This option has limited use in single device view mode, other than to verify that the JTAG interface works correctly. All The entire device Main Flash The main flash region only 2nd Flash The secondary flash region only User Code The user code region only Configuration Configuration data region only |