| Moteur de recherche de fiches techniques de composants électroniques |
|
AN3955 Fiches technique(PDF) 49 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3955 Fiches technique(HTML) 49 Page - STMicroelectronics |
|
49 / 68 page ![]() AN3955 SRIX4K library Doc ID 022017 Rev 1 49/68 A CR95HF response can include different information fields extracted by the Split functions. Table 75 lists the Split functions. The Is functions return RESULTOK if the function is successful, otherwise they return ERRORCODE_GENERIC . Table 76 lists the SRXI4K_Is functions. Table 76. SRIX4K_Is functions The Advanced functions use the previously function to manage a specific sequence. Table 77 lists the SRIX4K_Advanced function. Table 77. SRIX4K_Advanced functions Table 75. SRIX4K Split functions Function Description SRIX4K_SplitInitiateResponse Splits Initiate response of contactless tag. SRIX4K_SplitPCall16Response Splits PCall16 response of contactless tag. SRIX4K_SplitSlotMarkerResponse Splits SlotMarker response of contactless tag. SRIX4K_SplitSelectChipIDResponse Splits SelectChipID response of contactless tag. SRIX4K_SplitCompletionResponse Splits Completion response of contactless tag. SRIX4K_SplitReadBlockResponse Splits ReadSingleBlock response of contactless tag. SRIX4K_SplitWriteBlockResponse Splits WriteSingleBlock response of contactless tag. SRIX4K_SplitGetUIDResponse Splits GetUID response of contactless tag. Function Description SRIX4K_IsPresent Checks if an SR tag is in the RF field. SRIX4K_IsSRIX4KPresent Checks if an SRIX4K contactless tag is in the RF field. Function Description SRIX4K_GetUIDadvanced Returns UID field of a contactless tag. SRIX4K_GetChipIDAndSelectIt Returns a ChipID of a contactless tag and sends a SelectChipID command. SRIX4K_Anticollision Runs an anti-collision sequence. For more information, refer to the SRIX4K datasheet. |