Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3955 Fiches technique(PDF) 29 Page - STMicroelectronics

No de pièce AN3955
Description  This document describes
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3955 Fiches technique(HTML) 29 Page - STMicroelectronics

Back Button AN3955 Datasheet HTML 25Page - STMicroelectronics AN3955 Datasheet HTML 26Page - STMicroelectronics AN3955 Datasheet HTML 27Page - STMicroelectronics AN3955 Datasheet HTML 28Page - STMicroelectronics AN3955 Datasheet HTML 29Page - STMicroelectronics AN3955 Datasheet HTML 30Page - STMicroelectronics AN3955 Datasheet HTML 31Page - STMicroelectronics AN3955 Datasheet HTML 32Page - STMicroelectronics AN3955 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 68 page
background image
AN3955
ISO/IEC 14443-3 layers
Doc ID 022017 Rev 1
29/68
The Is functions return RESULTOK if the function is successful, otherwise the Is functions
return ERRORCODE_GENERIC. Table 30 lists the Is functions.
The GET functions return an information field. Table 31 describes the GET functions.
Table 31.
ISO/IEC 14443-3 Type A GET function description
The advanced functions use the select sequence of one tag to manage a specific sequence.
Table 32 describes the advanced functions.
Table 32.
ISO/IEC 14443-3 Type A Advanced function description
Table 30.
ISO/IEC 14443-3 Type A Is function description
Function
Description
ISO14443A_IsCollisionDetected
Checks if the collision bit of the CR95HF control byte is set
(collision detected).
ISO14443A_IsCRCError
Checks if the CRC bit of the CR95HF control byte is set
(CRC error detected).
ISO14443A_IsParityError
Checks if the Parity bit of the CR95HF control byte is set
(parity error detected).
ISO14443A_IsCorrectBCC
Checks if BCC byte matches the data.
ISO14443A_IS14443_4Compatible
Checks if the contacless tag is compliant with ISO/IEC
14443_4 specification.
ISO14443A_ISUIDComplete
Checks if the UID is completed.
ISO14443A_IsPresent
Checks if a 14443-3 Type A tag is present in the RF field.
Function
Description
ISO14443A_GetSignificantBit
Returns the number of significant bit of the byte. This
information is extracted from control bytes of CR95HF.
ISO14443A_GetFirstCollisionByte
Returns the index of the first byte where the collision is
detected. This information is extracted from control bytes
of CR95HF.
ISO14443A_GetFirstCollisionBit
Returns the index of the first bit where the collision is
detected. This information is extracted from control bytes
of CR95HF.
Function
Description
ISO14443A_SelectSequence
Runs a select sequence as defined in ISO/IEC 14443-3
specification.
ISO14443A_GetUIDsize
Returns UID size (information extracted from ATQA
contactless tag response).
ISO14443A_GetUID
Returns UID of a contacless tag.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68