Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3955 Fiches technique(PDF) 37 Page - STMicroelectronics

No de pièce AN3955
Description  This document describes
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3955 Fiches technique(HTML) 37 Page - STMicroelectronics

Back Button AN3955 Datasheet HTML 33Page - STMicroelectronics AN3955 Datasheet HTML 34Page - STMicroelectronics AN3955 Datasheet HTML 35Page - STMicroelectronics AN3955 Datasheet HTML 36Page - STMicroelectronics AN3955 Datasheet HTML 37Page - STMicroelectronics AN3955 Datasheet HTML 38Page - STMicroelectronics AN3955 Datasheet HTML 39Page - STMicroelectronics AN3955 Datasheet HTML 40Page - STMicroelectronics AN3955 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 68 page
background image
AN3955
ISO/IEC 14443-3 layers
Doc ID 022017 Rev 1
37/68
The ISO14443A_GetFirstCollisionBit function returns the index of the first bit where
the collision is detected. This information is extracted from control byte of CR95HF. Table 53
describes the ISO14443A_GetFirstCollisionBit function.
Table 53.
ISO14443A_GetFirstCollisionBit function description
5.1.11
ISO/IEC 14443-3 Type A Advanced functions
The ISO14443A_SelectSequence function runs a select sequence. For more
information, refer to the ISO/IEC 14443-3 documentation. Table 54 describes the
ISO14443A_SelectSequence
function.
Table 54.
ISO14443A_SelectSequence function description
For more information about the ISO14443A_SelectSequence function, refer to Table 32:
ISO/IEC 14443-3 Type A Advanced function description.
Prototype
int8_t ISO14443A_GetFirstCollisionBit (uc8*CR95HF
ControlByteIndex);
Input parameter
CR95HFControlByteIndex: Pointer of the CR95HF control bytes (3
bytes)(1).
1.
Three control bytes are appended by CR95HF to contactless tag response. Refer to Table 12: CR95HF
success response value for ISO/IEC 14443-3 Type A.
Output parameter
None
Return parameter
Index of the first bit where the collision is detected.
Prototype
int8_t ISO14443A_SelectSequence(uint_t*SAKByte);
Input parameter
None
Output parameter
SAKByte: The last SAK byte received from a contactless tag during select
sequence.
Return parameter
RESULTOK: Function is successful. The Select sequence is completed.
ERRORCODE_GENERIC: Function failed. An error occured during a select
sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68