| Moteur de recherche de fiches techniques de composants électroniques |
|
AN3955 Fiches technique(PDF) 53 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3955 Fiches technique(HTML) 53 Page - STMicroelectronics |
|
53 / 68 page ![]() AN3955 SRIX4K library Doc ID 022017 Rev 1 53/68 The SRIX4K_WriteSingleBlock function sends a WriteSingleBlock command to a contactless tag. Table 86 describes the SRIX4K_WriteSingleBlock function. Table 86. SRIX4K_WriteSingleBlock function description The SRIX4K_GetUID function sends a GetUID command to a contactless tag. Table 87 describes the SRIX4K_GetUID function. Table 87. SRIX4K_GetUID function description Prototype int8_t SRIX4K_WriteSingleBlock(uc8 BlockAddress,uc8*DataToWrite, uint8_t*pResponse); Input parameter BlockAddress (1 byte): Block address to read in contactless tag memory. DataToWrite (4 bytes): Pointer to Data to write in contactless tag memory. Output parameter pResponse: Pointer to the CR95HF response Return parameter RESULTOK: Function is successful. The command is successfully emitted to a contactless tag. CR95HF_ERROR_CODE: Function failed. The CR95HF returns an error code. Prototype int8_t SRIX4K_GetUID( uint8_t*pResponse); Input parameter None Output parameter pResponse: Pointer to the CR95HF response Return parameter RESULTOK: Function is successful.The command is successfully emitted to a contactless tag. CR95HF_ERROR_CODE: Function failed. The CR95HF returns an error code. |