| Moteur de recherche de fiches techniques de composants électroniques |
|
AN3955 Fiches technique(PDF) 24 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3955 Fiches technique(HTML) 24 Page - STMicroelectronics |
|
24 / 68 page ![]() CR95HF low level layer AN3955 24/68 Doc ID 022017 Rev 1 4.17 GetReaderErrorCode function This function returns a description of the error contained in the ReaderReply parameter. Table 25 describes the CR95HF_GetReaderErrorCode function. Table 25. CR95HF_GetReaderErrorCode function description Prototype result = int8_t CR95HF_GetReaderErrorCode (uc8 CmdCode,uc8 *ReaderReply,char *ErrorDescription); Input parameter CmdCode: Command code (one byte) ReaderReply: Pointer to CR95HF response Output parameter ErrorDescription: Pointer to ASCII string Return parameter CR95HF_SUCCESS_CODE: Function is successful. ERRORCODE_GENERIC: Function failed. CR95HF does not return an error code. |