| Moteur de recherche de fiches techniques de composants électroniques |
|
AN3955 Fiches technique(PDF) 52 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3955 Fiches technique(HTML) 52 Page - STMicroelectronics |
|
52 / 68 page ![]() SRIX4K library AN3955 52/68 Doc ID 022017 Rev 1 The SRIX4K_Completion function sends a Completion command to a contactless tag. Table 83 describes the SRIX4K_Completion function. Table 83. SRIX4K_Completion function description The SRIX4K_ResetToInventory function sends a ResetToInventory command to a contactless tag. Table 84 describes the SRIX4K_ResetToInventory function. Table 84. SRIX4K_ResetToInventory command description The SRIX4K_ReadSingleBlock function sends a ReadSingleBlock command to a contactless tag. Table 85 describes the SRIX4K_ReadSingleBlock function. Table 85. SRIX4K_ReadSingleBlock function description Prototype int8_t SRIX4K_Completion(uint8_t*pResponse); Input parameter None Output parameter pResponse: Pointer to the CR95HF response Return parameter RESULTOK: Function is successful. The command is successfully emitted to a contactless tag. CR95HF_ERROR_CODE: Function failed. The CR95HF returns an error code. Prototype int8_t SRIX4K_ResetToInventory(uint8_t*pResponse); Input parameter None Output parameter pResponse: Pointer to the CR95HF response Return parameter RESULTOK: Function is successful. The command has been successfully emitted to contactless a tag. CR95HF_ERROR_CODE: Function failed. The CR95HF returns an error code. Prototype int8_t SRIX4K_ReadSingleBlock(uc8 BlockAddress, uint8_t*pResponse); Input parameter BlockAddress: Block address to read into contactless tag memory. Output parameter pResponse: Pointer to CR95HF response Return parameter RESULTOK: Function is successful. The command is successfully emitted to a contactless tag. CR95HF_ERROR_CODE: Function failed. The CR95HF returns an error code. |