Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3955 Fiches technique(PDF) 25 Page - STMicroelectronics

No de pièce AN3955
Description  This document describes
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3955 Fiches technique(HTML) 25 Page - STMicroelectronics

Back Button AN3955 Datasheet HTML 21Page - STMicroelectronics AN3955 Datasheet HTML 22Page - STMicroelectronics AN3955 Datasheet HTML 23Page - STMicroelectronics AN3955 Datasheet HTML 24Page - STMicroelectronics AN3955 Datasheet HTML 25Page - STMicroelectronics AN3955 Datasheet HTML 26Page - STMicroelectronics AN3955 Datasheet HTML 27Page - STMicroelectronics AN3955 Datasheet HTML 28Page - STMicroelectronics AN3955 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 68 page
background image
AN3955
CR95HF low level layer
Doc ID 022017 Rev 1
25/68
4.18
Application example: protocol selection and communication
To communicate with a contactless tag, the application must select the RF protocol by
sending a ProtocolSelect command. Then, the application can use SendRecv commands to
send data to a contactless tag.
The user can select another protocol or change RF parameters (e.g. choose another
datarate) at any time by issuing again a ProtocolSelect command. Figure 3 shows an
example of function flowchart.
Figure 3.
Example of function flowchart
AI18875
Start
Echo
Echo
response?
Select
protocol
Selected?
SendRecv
Another
protocol?
No
Error code
Yes
No
Yes
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68